Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8235 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8235
Description  40 關A Micropower Instrumentation Amplifier in WLCSP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8235 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8235 Datasheet HTML 7Page - Analog Devices AD8235 Datasheet HTML 8Page - Analog Devices AD8235 Datasheet HTML 9Page - Analog Devices AD8235 Datasheet HTML 10Page - Analog Devices AD8235 Datasheet HTML 11Page - Analog Devices AD8235 Datasheet HTML 12Page - Analog Devices AD8235 Datasheet HTML 13Page - Analog Devices AD8235 Datasheet HTML 14Page - Analog Devices AD8235 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8235
Rev. 0 | Page 11 of 20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OUTPUT VOLTAGE (V)
00.5
2.0
1.5
1.0
2.5 3.0 3.5
4.0 4.5 5.0
5.0
0
0.5
–0.5
5.5
OUTPUT VOLTAGE (V)
4.0
4.5
3.0
3.5
2.5
1.5
2.0
1.0
(0.01V, 4.24V)
(4.98V, 4.737V)
(0.01V, 0.27V)
(4.98V, 0.767V)
0
0.51.01.52.02.53.03.54.04.55.0
5.0
4.5
0
–0.5
5.5
OUTPUT VOLTAGE (V)
RLOAD = 100kΩ TIED TO GND
RLOAD = 10kΩ TIED TO GND
VS = 5V
Figure 17. Gain Nonlinearity, G = 5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OUTPUT VOLTAGE (V)
VS = 5V
TWO CURVES REPRESENTED:
RLOAD = 10kΩ AND 100kΩ TIED TO GND
Figure 18. Gain Nonlinearity, G = 10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OUTPUT VOLTAGE (V)
VS = 5V
TWO CURVES REPRESENTED:
RLOAD = 10kΩ AND 100kΩ TIED TO GND
Figure 20. Input Common-Mode Voltage Range vs. Output Voltage,
G = 5, VS = 5 V, VREF = 2.5 V
(0.01V, 4.25V)
(0.01V, 0.026V)
(4.994V, 4.75V)
(4.994V, 0.076V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Figure 21. Input Common-Mode Voltage Range vs. Output Voltage,
G = 200, VS = 5 V, VREF = 2.5 V
00.2
0.8
0.6
0.4
1.0
1.2
1.4
1.6
1.8
–0.2
2.0
OUTPUT VOLTAGE (V)
1.8
0
0.2
1.6
1.2
1.4
1.0
0.6
0.8
0.4
(0.0069V, 1.52V)
(1.78V, 1.704V)
(1.78V, 0.274V)
(0.0069V, 0.09V)
Figure 19. Gain Nonlinearity, G = 200
Figure 22. Input Common-Mode Voltage Range vs. Output Voltage,
G = 5, VS = 1.8 V, VREF = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com