Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8276ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8276ARZ-R7
Description  Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8276ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8276ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8276/AD8277
Rev. A | Page 4 of 20
VS = +2.7 V to <±5 V, VREF = midsupply, TA = 25°C, RL = 10 kΩ connected to midsupply, G = 1 difference amplifier configuration, unless
otherwise noted.
Table 3.
G = 1
Grade B
Grade A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
System Offset1
100
200
100
500
μV
vs. Temperature
TA = −40°C to +85°C
200
500
μV
Average Temperature
Coefficient
TA = −40°C to +85°C
0.5
2
2
5
μV/°C
vs. Power Supply
VS = ±5 V to ±18 V
5
10
μV/V
Common-Mode Rejection
Ratio (RTI)
VS = 2.7 V, VCM = 0 V
to 2.4 V, RS = 0 Ω
86
80
dB
VS = ±5 V, VCM = −10 V
to +7 V, RS = 0 Ω
86
80
dB
Input Voltage Range2
−2(VS + 0.1)
+2(VS − 1.5)
−2(VS + 0.1)
+2(VS − 1.5)
V
Impedance3
Differential
80
80
kΩ
Common Mode
40
40
kΩ
DYNAMIC PERFORMANCE
Bandwidth
450
450
kHz
Slew Rate
1.0
1.0
V/μs
Settling Time to 0.01%
8 V step on output,
CL = 100 pF, VS = 10 V
5
5
μs
Channel Separation
f = 1 kHz
130
130
dB
GAIN
Gain Error
0.005
0.02
0.01
0.05
%
Gain Drift
TA = −40°C to +85°C
1
5
ppm/°C
OUTPUT CHARACTERISTICS
Output Swing4
RL = 10 kΩ ,
TA = −40°C to +85°C
−VS + 0.1
+VS − 0.15
−VS + 0.1
+VS − 0.15
V
Short-Circuit Current
Limit
±10
±10
mA
Capacitive Load Drive
200
200
pF
NOISE5
Output Voltage Noise
f = 0.1 Hz to 10 Hz
2
2
μV p-p
f = 1 kHz
65
65
nV/√Hz
POWER SUPPLY
Supply Current6
TA = −40°C to +85°C
200
200
μA
Operating Voltage
Range
2.0
36
2.0
36
V
TEMPERATURE RANGE
Operating Range
−40
+125
−40
+125
°C
1 Includes input bias and offset current errors, RTO (referred to output).
2 The input voltage range may also be limited by absolute maximum input voltage or by the output swing. See the
section in the
section for details.
Input Voltage Range
Theory of Operation
3 Internal resistors are trimmed to be ratio matched and have ±20% absolute accuracy.
4 Output voltage swing varies with supply voltage and temperature. See Figur
through
for details.
e 18
Figure 21
5 Includes amplifier voltage and current noise, as well as noise from internal resistors.
6 Supply current varies with supply voltage and temperature. See Figure
and
for details.
23
Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com