Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8276ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8276ARZ-R7
Description  Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8276ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8276ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8276ARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8276/AD8277
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, RL = 10 kΩ connected to ground, G = 1 difference amplifier configuration, unless otherwise noted.
600
500
400
300
200
100
0
–300
–200
–100
0
100
200
300
SYSTEM OFFSET VOLTAGE (µV)
N = 2042
MEAN = –2.28
SD = 32.7
Figure 7. Distribution of Typical System Offset Voltage
400
300
200
100
0
–90
–60
–30
0
30
60
90
CMRR (µV/V)
N = 2040
MEAN = –0.87
SD = 16.2
Figure 8. Distribution of Typical Common-Mode Rejection
4
2
0
–2
–4
–6
–8
–50
–35
–20
–5
10
25
40
55
70
85 90
TEMPERATURE (°C)
REPRESENTATIVE DATA
Figure 9. CMRR vs. Temperature, Normalized at 25°C
80
–100
–80
–60
–40
–20
0
20
40
60
–50
–35
–20
–5
10
25
40
55
70
85
TEMPERATURE (°C)
Figure 10. System Offset vs. Temperature, Normalized at 25°C
20
–30
–25
–20
–15
–10
–5
0
5
10
15
–50
–35
–20
–5
10
25
40
55
70
85 90
TEMPERATURE (°C)
REPRESENTATIVE DATA
Figure 11. Gain Error vs. Temperature, Normalized at 25°C
10
0
–10
–20
–30
–40
–50
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
VS = ±15V
VS = +2.7V
Figure 12. Gain vs. Frequency, VS = ±15 V, +2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com