Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8278ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8278ARZ-R7
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8278ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8278ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8278
Rev. 0 | Page 19 of 24
As with the other inputs, the reference must be driven with a
low impedance source to maintain the internal resistor ratio. An
example using the low power, low noise OP1177 as a reference
is shown in Figure 55.
INCORRECT
V
CORRECT
AD8278
OP1177
+
–
V
REF
AD8278
REF
Figure 55. Driving the Reference Pin
INSTRUMENTATION AMPLIFIER
The AD8278 can be used as a building block for a low power,
low cost instrumentation amplifier. An instrumentation amplifier
provides high impedance inputs and delivers high common-
mode rejection. Combining the AD8278 with an Analog Devices,
Inc., low power amplifier (see Table 10) creates a precise, power
efficient voltage measurement solution suitable for power
critical systems.
RG
RF
RF
–IN
+IN
A1
A2
AD8278
40kΩ
20kΩ
20kΩ
40kΩ
REF
VOUT
VOUT = (1 + 2RF/RG) (VIN+ – VIN–) × 2
Figure 56. Low Power Precision Instrumentation Amplifier
Table 10. Low Power Op Amps
Op Amp (A1, A2)
Features
AD8506
Dual micropower op amp
AD8607
Precision dual micropower op amp
AD8617
Low cost CMOS micropower op amp
AD8667
Dual precision CMOS micropower op amp
It is preferable to use dual op amps for the high impedance inputs,
because they have better matched performance and track each
other over temperature. The AD8278 difference amplifier can-
cels out common-mode errors from the input op amps, if they
track each other. The differential gain accuracy of the in-amp
is proportional to how well the input feedback resistors (RF)
match each other. The CMRR of the in-amp increases as the
differential gain is increased (1 + 2RF/RG), but a higher gain
also reduces the common-mode voltage range. Note that dual
supplies must be used for proper operation of this configuration.
Refer to A Designer’s Guide to Instrumentation Amplifiers for
more design ideas and considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com