Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8278ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8278ARZ-R7
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8278ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8278ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8278ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, Wide Supply Range,
Low Cost Difference Amplifier, G = ½, 2
AD8278
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input range beyond supplies
Rugged input overvoltage protection
Low supply current: 200 μA maximum
Low power dissipation: 0.5 mW at VS = 2.5 V
Bandwidth: 1 MHz (G = ½)
CMRR: 80 dB minimum, dc to 20 kHz (G = ½)
Low offset voltage drift: ±2 μV/°C maximum (B Grade)
Low gain drift: 1 ppm/°C maximum (B Grade)
Enhanced slew rate: 1.4 V/μs
Wide power supply range:
Single supply: 2 V to 36 V
Dual supplies: ±2 V to ±18 V
8-lead SOIC and MSOP packages
APPLICATIONS
Voltage measurement and monitoring
Current measurement and monitoring
Instrumentation amplifier building block
Portable, battery-powered equipment
Test and measurement
FUNCTIONAL BLOCK DIAGRAM
2
5
3
1
6
7
4
40kΩ
20kΩ
40kΩ
–VS
+VS
–IN
+IN
SENSE
OUT
REF
20kΩ
AD8278
Figure 1.
Table 1. Difference Amplifiers by Category
Low
Distortion
High
Voltage
Current
Sensing1
Low Power
AD8270
AD628
AD8202 (U)
AD8276
AD8271
AD629
AD8203 (U)
AD8277
AD8273
AD8205 (B)
AD8274
AD8206 (B)
AMP03
AD8216 (B)
1 U = unidirectional, B = bidirectional.
GENERAL DESCRIPTION
The AD8278 is a general-purpose difference amplifier intended
for precision signal conditioning in power critical applications
that require both high performance and low power. The AD8278
provides exceptional common-mode rejection ratio (80 dB) and
high bandwidth while amplifying signals well beyond the supply
rails. The on-chip resistors are laser-trimmed for excellent gain
accuracy and high CMRR. They also have extremely low gain
drift vs. temperature.
The common-mode range of the amplifier extends to almost
triple the supply voltage (for G = ½), making it ideal for single-
supply applications that require a high common-mode voltage
range. The internal resistors and ESD circuitry at the inputs also
provide overvoltage protection to the op amp.
The AD8278 can be used as a difference amplifier with G = ½
or G = 2. It can also be connected in a high precision, single-
ended configuration for non-inverting and inverting gains of
−½, −2, +3, +2, +1½, +1, or +½. The AD8278 provides an
integrated precision solution that has a smaller size, lower cost,
and better performance than a discrete alternative.
The AD8278 operates on single supplies (2.0 V to 36 V) or dual
supplies (±2 V to ±18 V). The maximum quiescent supply current
is 200 μA, which makes it ideal for battery-operated and portable
systems.
The AD8278 is available in the space-saving 8-lead MSOP
and SOIC packages. It is specified for performance over the
industrial temperature range of −40°C to +85°C and is fully
RoHS compliant.


Similar Part No. - AD8278ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8278ARZ-R7 AD-AD8278ARZ-R7 Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Similar Description - AD8278ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV.B
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
542Kb / 20P
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
REV. A
AD8279 AD-AD8279 Datasheet
671Kb / 18P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers, G = 쩍, 2
Rev. PrA
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Texas Instruments
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD817 AD-AD817_15 Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com