Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8227BRZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8227BRZ-R7 Datasheet HTML 1Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 2Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 3Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 4Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 5Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8227
Rev. 0 | Page 5 of
24
+VS = 2.7 V, −VS = 0 V, VREF = 0 V, TA = 25°C, G = 5, RL = 10 kΩ, specifications referred to input, unless otherwise noted.
Table 3.
Test Conditions/
A Grade
B Grade
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
VCM = 0 V to 1.7 V
DC to 60 Hz
G = 5
90
100
dB
G = 10
96
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
5 kHz
G = 5
80
80
dB
G = 10
86
86
dB
G = 100
86
86
dB
G = 1000
86
86
dB
NOISE
Total noise:
eN = √(eNI2 + (eNO/G)2)
Voltage Noise, 1 kHz
Input Voltage Noise, eNI
25
28
25
28
nV/√Hz
Output Voltage Noise, eNO
310
330
310
330
nV/√Hz
RTI
f = 0.1 Hz to 10 Hz
G = 5
1.5
1.5
μV p-p
G = 10
0.8
0.8
μV p-p
G = 100 to 1000
0.5
0.5
μV p-p
Current Noise
f = 1 kHz
100
100
fA/√Hz
f = 0.1 Hz to 10 Hz
3
3
pA p-p
VOLTAGE OFFSET
Total offset voltage:
VOS = VOSI + (VOSO/G)
Input Offset, VOSI
VS = 0 V to 1.7 V
200
100
μV
Average Temperature Drift
TA = −40°C to +125°C
0.2
2
0.2
1
μV/°C
Output Offset, VOSO
VS = 0 V to 1.7 V
1000
500
μV
Average Temperature Drift
TA = −40°C to +125°C
2
10
2
5
μV/°C
Offset RTI vs. Supply (PSR)
VS = 0 V to 1.7 V
G = 5
90
100
dB
G = 10
96
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
INPUT CURRENT
Input Bias Current1
TA = +25°C
5
20
27
5
20
27
nA
TA = +125°C
5
15
25
5
15
25
nA
TA = −40°C
5
30
35
5
30
35
nA
Average Temperature Drift
TA = −40°C to +125°C
70
70
pA/°C
Input Offset Current
TA = +25°C
1.5
1.5
nA
TA = +125°C
1.5
1.5
nA
TA = −40°C
2
2
nA
Average Temperature Drift
TA = −40°C to +125°C
5
5
pA/°C
REFERENCE INPUT
RIN
60
60
IIN
12
12
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com