Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8227BRZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8227BRZ-R7 Datasheet HTML 5Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8227BRZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8227
Rev. 0 | Page 9 of
24
0
–900
–600
–300
0
300
600
900
OUTPUT VOS (µV)
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
500
400
300
200
100
MEAN: 15.9
SD: 196.50
Figure 3. Typical Distribution of Output Offset Voltage
700
600
500
400
300
200
100
1000
800
600
400
200
0
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
INPUT VOS DRIFT (µV)
MEAN: 0.0668
SD: 0.065827
Figure 6. Typical Distribution of Input Offset Voltage Drift, G = 100
0
–6
–4
–2
0
2
4
6
OUTPUT VOS DRIFT (µV)
MEAN: –0.701
SD: 0.676912
Figure 4. Typical Distribution of Output Offset Voltage Drift
1000
800
600
400
200
1000
800
600
400
200
0
16
18
20
22
24
26
POSITIVE IBIAS (nA)
MEAN: 20.4
SD: 0.5893
Figure 7. Typical Distribution of Input Bias Current
0
–200
–150
–100
–50
0
50
100
150
200
INPUT VOS (µV)
MEAN: –5.90
SD: 15.8825
Figure 5. Typical Distribution of Input Offset Voltage
1000
800
600
400
200
0
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
IOS (nA)
MEAN: –0.027
SD: 0.079173
Figure 8. Typical Distribution of Input Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com