Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8278ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8278ARMZ-R7
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8278ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8278ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8278
Rev. 0 | Page 14 of 24
10µs/DIV
Figure 35. Large-Signal Step Response, G = ½
10µs/DIV
Figure 36. Large-Signal Step Response, G = 2
30
25
20
15
10
5
0
100
1M
100k
10k
1k
FREQUENCY (Hz)
VS = ±15V
VS = ±5V
Figure 37. Maximum Output Voltage vs. Frequency, VS = ±15 V, ±5 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1M
100k
10k
1k
FREQUENCY (Hz)
VS = ±5V
VS = ±2.5V
Figure 38. Maximum Output Voltage vs. Frequency, VS = 5 V, 2.7 V
40µs/DIV
NO LOAD
RL = 200pF
RL = 147pF
RL = 247pF
Figure 39. Small-Signal Step Response for Various Capacitive Loads, G = ½
40µs/DIV
RL = 100pF
RL = 200pF
RL = 247pF
RL = 347pF
Figure 40. Small-Signal Step Response for Various Capacitive Loads, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com