Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8278ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8278ARMZ-R7
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8278ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8278ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8278ARMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8278
Rev. 0 | Page 17 of 24
POWER SUPPLIES
The AD8278 operates extremely well over a very wide range of
supply voltages. It can operate on a single supply as low as 2 V
and as high as 36 V, under appropriate setup conditions.
For best performance, the user must exercise care that the setup
conditions ensure that the internal op amp is biased correctly.
The internal input terminals of the op amp must have sufficient
voltage headroom to operate properly. Proper operation of the
part requires at least 1.5 V between the positive supply rail and
the op amp input terminals. This relationship is expressed in
the following equation:
V
5
.
1
−
+
<
+
S
REF
V
V
R2
R1
R1
For example, when operating on a +VS= 2 V single supply and
VREF = 0 V, it can be seen from Figure 47 that the op amps input
terminals are biased at 0 V, allowing more than the required 1.5 V
headroom. However, if VREF = 1 V under the same conditions, the
input terminals of the op amp are biased at 0.66 V (G = ½). Now
the op amp does not have the required 1.5 V headroom and can
not function. Therefore, the user needs to increase the supply
voltage or decrease VREF to restore proper operation.
The AD8278 is typically specified at single- and dual-supplies,
but it can be used with unbalanced supplies as well; for example,
−VS = −5 V, +VS = 20 V. The difference between the two supplies
must be kept below 36 V. The positive supply rail must be at
least 2 V above the negative supply and reference voltage.
R4
R3
R1
R2
R1
R1 + R2
(VREF)
R1
R1 + R2
(VREF)
VREF
Figure 47. Ensure Sufficient Voltage Headroom on the Internal Op Amp
Inputs
Use a stable dc voltage to power the AD8278. Noise on the
supply pins can adversely affect performance. Place a bypass
capacitor of 0.1 μF between each supply pin and ground, as
close as possible to each supply pin. Use a tantalum capacitor
of 10 μF between each supply and ground. It can be farther
away from the supply pins and, typically, it can be shared by
other precision integrated circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com