Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8465WBCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8465WBCPZ-R7
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465WBCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8465WBCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8465
Rev. 0 | Page 10 of 16
APPLICATION INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The AD8465 comparator is a very high speed device. Despite
the low noise output stage, it is essential to use proper high
speed design techniques to achieve the specified performance.
Because the comparator is an uncompensated amplifier, feedback
in any phase relationship is likely to cause oscillations or undesired
hysteresis. The use of low impedance supply planes is of critical
importance particularly with the output supply plane (VCCO)
and the ground plane (GND). Individual supply planes are
recommended as part of a multilayer board. Providing the
lowest inductance return path for switching currents ensures
the best possible performance in the target application.
It is also important to adequately bypass the input and output
supplies. Place multiple high quality 0.01 μF bypass capacitors
as close as possible to each of the VCCI and VCCO supply pins and
connect the capacitors to the GND plane with redundant vias.
Place at least one capacitor to provide a physically short return
path for output currents flowing back from ground to the VCCI
pin and the VCCO pin. Carefully select high frequency bypass
capacitors for minimum inductance and ESR. Parasitic layout
inductance should also be strictly controlled to maximize the
effectiveness of the bypass at high frequencies.
The input and output supplies have been connected separately
(VCCI ≠ VCCO); be sure to bypass each of these supplies separately
to the GND plane. Do not connect a bypass capacitor between
these supplies. It is recommended that the GND plane separate
the VCCI and VCCO planes when the circuit board layout is designed
to minimize coupling between the two supplies to take advan-
tage of the additional bypass capacitance from each respective
supply to the ground plane. This enhances the performance when
split input/output supplies are used. If the input and output supplies
are connected together for single-supply operation (VCCI = VCCO),
coupling between the two supplies is unavoidable; however,
careful board placement can help keep output return currents
away from the inputs.
LVDS-COMPATIBLE OUTPUT STAGE
Specified propagation delay dispersion performance is only
achieved by keeping parasitic capacitive loads at or below the
specified minimums. The outputs of the AD8465 are designed
to directly drive any standard LVDS-compatible input.
USING/DISABLING THE LATCH FEATURE
The latch input is designed for maximum versatility. It can
safely be left floating or it can be driven low by any standard
TTL/CMOS device as a high speed latch. In addition, the pin
can be operated as a hysteresis control pin with a bias voltage
of 1.25 V nominal and an input resistance of approximately
70 kΩ. This allows the comparator hysteresis to be easily
controlled by either a resistor or an inexpensive CMOS DAC.
Driving this pin high or floating the pin disables all hysteresis.
Hysteresis control and latch mode can be used together if an
open drain, an open collector, or a three-state driver is connected
in parallel to the hysteresis control resistor or current source.
Due to the programmable hysteresis feature, the logic threshold
of the latch pin is approximately 1.1 V, regardless of VCCO.
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential for obtaining the specified performance.
Stray capacitance, inductance, inductive power and ground imped-
ances, or other layout issues can severely limit performance and
often cause oscillation. Large discontinuities along input and
output transmission lines can also limit the specified pulse width
dispersion performance. Minimize the source impedance as
much as is practicable. High source impedance, in combina-
tion with the parasitic input capacitance of the comparator,
causes an undesirable degradation in bandwidth at the input,
thus degrading the overall response. Thermal noise from large
resistances can easily cause extra jitter with slowly slewing input
signals. Higher impedances encourage undesired coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com