Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8465WBCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8465WBCPZ-R7
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465WBCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8465WBCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8465WBCPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8465
Rev. 0 | Page 12 of 16
CROSSOVER BIAS POINTS
The AD8465 comparator offers a programmable hysteresis
feature that significantly improves accuracy and stability.
Connecting an external pull-down resistor or a current source
from the LE/HYS pin to GND varies the amount of hysteresis
in a predictable and stable manner. Leaving the LE/HYS pin
disconnected or driving it high removes hysteresis. The maxi-
mum hysteresis that can be applied using this pin is approximately
160 mV. Figure 19 illustrates the amount of hysteresis applied as
a function of external resistor value. Figure 10 illustrates hysteresis
as a function of current.
Rail-to-rail inputs of this type, in both op amps and comparators,
have a dual front-end design. Certain devices are active near the
VCCI rail and others are active near the VEE rail. At some predeter-
mined point in the common-mode range, a crossover occurs.
At this point, normally VCCI/2, the direction of the bias current
reverses and there are changes in measured offset voltages and
currents.
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PCB design
practice, as discussed in the Optimizing Performance section,
these comparators should be stable at any input slew rate with
no hysteresis. Broadband noise from the input stage is observed
in place of the violent chattering seen with most other high
speed comparators. With additional capacitive loading or
poor bypassing, oscillation is observed. This oscillation is
due to the high gain bandwidth of the comparator in combina-
tion with feedback parasitics in the package and PCB. In many
applications, chattering is not harmful.
The hysteresis control pin appears as a 1.25 V bias voltage
seen through a series resistance of 70 kΩ ± 20% throughout the
hysteresis control range. The advantages of applying hysteresis
in this manner are improved accuracy, improved stability, reduced
component count, and maximum versatility. An external bypass
capacitor is not recommended on the LE/HYS pin because it
would likely degrade the jitter performance of the device and
impair the latch function. As described in the Using/Disabling
the Latch Feature section, hysteresis control need not compro-
mise the latch function.
0
50
100
150
200
250
50
100
150
200
250
300
350
400
450
500
HYSTERESIS RESISTOR (kΩ)
VCC = 2.5V
VCC = 5.5V
Figure 19. Hysteresis vs. RHYS Control Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com