Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-313 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # DS-313
Description  Two-Way Power Divider, 10 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-313 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  DS-313 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS-313 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS-313 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Two-Way Power Divider,
10 - 2000 MHz
Rev. V3
DS- / DSS-313
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Isolation - Ports C-D
Insertion Loss - Ports
Σ-C, Σ−D
VSWR
0.000
0.200
0.400
0.600
0.800
1.000
1.200
0
0.01 0.03
0.1
0.3
1
1.2
1.4
1.6
1.8
2
2.2
F reque nc y (G H z)
0
10
20
30
40
0
0.01 0.03 0.1 0.3
1
1.2
1.4
1.6
1.8
2
2.2
Frequency (GHz)
1
1.2
1.4
1.6
1.8
0
0.01 0.03 0.1
0.3
1
1.2
1.4
1.6
1.8
2
2.2
F requency (GH z)
E Port
C, D Po rt s
Part Number
Package
DS-313 PIN
FP-2
DSS-313 PIN
SF-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com