Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-313 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DS-313
Description  Two-Way Power Divider, 10 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-313 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DS-313 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS-313 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS-313 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Two-Way Power Divider,
10 - 2000 MHz
Rev. V3
DS- / DSS-313
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Fully Hermetic Package
• Loss: 0.6 dB Typical Midband
• Isolation: 28 dB Typical Midband
• VSWR: 1.2:1 Typical Midband
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 250 mW
Max.
• Internal Load Dissipation: 50 mW Max.
• MIL-STD-202 Screening Available
Description
A Power Divider is ideally a lossless reciprocal
device which can also perform vector summation of
two or more signals and thus is sometimes called a
power combiner or summer.
FP-2 (DS-313)
SF-1 (DSS-313)
Pin Configuration (DSS-313)
Pin No.
Function
Pin No.
Function
1
Σ
3
GND
2
Output C
4
Output D
Pin Configuration (DS-313)
Pin No.
Function
Pin No.
Function
1
Σ
5
GND
2
GND
6
GND
3
GND
7
GND
4
Output C
8
Output D


Similar Part No. - DS-313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-313 MACOM-DS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-313 MA-COM-DS-313 Datasheet
528Kb / 4P
Two-Way Power Divider
More results

Similar Description - DS-313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-109319 MACOM-DS-109319 Datasheet
80Kb / 2P
Two-Way Power Divider 10 - 500 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider, 10 - 500 MHz
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider, 10 - 2000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com