Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9547/PCBZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9547/PCBZ Datasheet HTML 30Page - Analog Devices AD9547/PCBZ Datasheet HTML 31Page - Analog Devices AD9547/PCBZ Datasheet HTML 32Page - Analog Devices AD9547/PCBZ Datasheet HTML 33Page - Analog Devices AD9547/PCBZ Datasheet HTML 34Page - Analog Devices AD9547/PCBZ Datasheet HTML 35Page - Analog Devices AD9547/PCBZ Datasheet HTML 36Page - Analog Devices AD9547/PCBZ Datasheet HTML 37Page - Analog Devices AD9547/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
AD9547
Rev. 0 | Page 34 of 104
During any given PFD phase error sample, the detector either adds
water with the fill bucket or removes water with the drain bucket
(one or the other but not both). The decision on whether to add or
remove water depends on the threshold level specified by the user.
The phase lock threshold value is a 16-bit number stored in the
profile registers and carries units of picoseconds (ps). Thus, the
phase lock threshold extends from 0 ns to ±65.535 ns and repre-
sents the magnitude of the phase error at the output of the PFD.
It represents the magnitude of the difference in period between
the reference and feedback signals at the input to the DPLL. For
example, if the reference signal is 1.25 MHz and the feedback
signal is 1.38 MHz, the period difference is approximately 75.36 ns
(|1/1,250,000 − 1/1,380,000| ≈ 75.36 ns).
DIRECT DIGITAL SYNTHESIZER (DDS)
DDS Overview
One of the primary building blocks of the digital PLL is a direct
digital synthesizer (DDS). The DDS behaves like a sinusoidal
signal generator. The frequency of the sinusoid generated by the
DDS is determined by a frequency tuning word (FTW), which
is a digital (that is, numeric) value. Unlike an analog sinusoidal
generator, a DDS uses digital building blocks and operates as a
sampled system. Thus, it requires a sampling clock (fS) that serves
as the fundamental timing source of the DDS. The accumulator
behaves as a modulo-248 counter with a programmable step size
(FTW). A block diagram of the DDS appears in Figure 40.
The phase lock detector compares each phase error sample at the
output of the PFD to the programmed phase threshold value. If the
absolute value of the phase error sample is less than or equal to
the programmed phase threshold value, the detector control logic
dumps one fill bucket into the tub. Otherwise, it removes one
drain bucket from the tub. Note that it is not the polarity of the
phase error sample but, rather, its magnitude relative to the phase
threshold value that determines whether to fill or drain. If more
filling is taking place than draining, the water level in the tub
eventually rises above the high water mark (+1024), which causes
the phase lock detector to indicate lock. If more draining is taking
place than filling, the water level in the tub eventually falls below
the low water mark (−1024), which causes the phase lock detector
to indicate unlock. The ability to specify the threshold level, fill
rate, and drain rate enables the user to tailor the operation of
the phase lock detector to the statistics of the timing jitter
associated with the input reference signal.
The input to the DDS is the 48-bit FTW. The FTW serves as
a step size value. On each cycle of fS, the accumulator adds the
value of the FTW to the running total at its output. For example,
given that FTW = 5, the accumulator counts by fives, incre-
menting on each fS cycle. Over time, the accumulator reaches
the upper end of its capacity (248 in this case), at which point,
it rolls over but retains the excess. The average rate at which the
accumulator rolls over establishes the frequency of the output
sinusoid. The average rollover rate of the accumulator establishes
the output frequency (fDDS) of the DDS and is given by
Note that when the AD9547 enters the free-run or holdover
mode, the DPLL phase lock detector indicates unlocked. Also,
when the AD9547 performs a reference switchover, the state of
the lock detector prior to the switch is preserved during the
transition period.
S
DDS
f
FTW
f
⎟
⎠
⎞
⎜
⎝
⎛
=
48
2
DPLL Frequency Lock Detector
Solving this equation for FTW yields
The operation of the frequency lock detector is identical to that
of the phase lock detector. The only difference is that the fill or
drain decision is based on the period deviation between the
reference and feedback signals of the DPLL instead of the phase
error at the output of the PFD.
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
S
DDS
f
f
FTW
48
2
round
For example, given that fS = 1 GHz and fDDS = 155.52 MHz, then
FTW = 43,774,988,378,041 (0x27D028A1DFB9).
The frequency lock detector uses a 24-bit frequency threshold
register specified in units of picoseconds (ps). Thus, the fre-
quency threshold value extends from 0 μs to ±16.777215 μs.
Note that the minimum DAC output frequency is 62.5 MHz;
therefore, normal operation requires an FTW that yields an
output frequency in excess of this lower bound.
DAC
(14-BIT)
PHASE
OFFSET
Q
D
fS
FREQUENCY
TUNING WORD
(FTW)
DAC+
DAC–
14
19
48
19
ANGLE TO
AMPLITUDE
CONVERSION
48
48
48-BIT ACCUMULATOR
16
Figure 40. DDS Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com