Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9547/PCBZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9547/PCBZ Datasheet HTML 38Page - Analog Devices AD9547/PCBZ Datasheet HTML 39Page - Analog Devices AD9547/PCBZ Datasheet HTML 40Page - Analog Devices AD9547/PCBZ Datasheet HTML 41Page - Analog Devices AD9547/PCBZ Datasheet HTML 42Page - Analog Devices AD9547/PCBZ Datasheet HTML 43Page - Analog Devices AD9547/PCBZ Datasheet HTML 44Page - Analog Devices AD9547/PCBZ Datasheet HTML 45Page - Analog Devices AD9547/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
AD9547
Rev. 0 | Page 42 of 104
Active Reference Synchronization (Zero Delay)
Active reference synchronization is the term applied to the case
when sync source = 01 (Register 0x0402, Bits[5:4]). Referring to
Figure 46, this means that the active reference sync path is active
because Bit 4 = 1, enabling the lower AND gate and disabling
the upper AND gate. The edge detector in the active reference
sync block monitors the rising edges of the active reference
(the mux selects the active reference automatically). The edge
detector is armed via the primary synchronization signal, which
is one of the four inputs to the OR gate (typically the direct sync
source). As soon as the edge detector is armed, its output goes high,
which stalls the output dividers in the clock distribution block.
Furthermore, once armed, a rising edge from the active reference
forces the output of the edge detector low. This restarts the output
dividers, thereby synchronizing the clock distribution block.
The term zero delay applies because it provides a means to edge-
align the output signal with the active input reference signal.
Typically, zero-delay architectures use the output signal in the
feedback loop of a PLL to track input/output edge alignment.
Active reference synchronization, however, operates open loop.
That is, synchronization of the output via the distribution
synchronization logic occurs on a single edge of the active
reference.
The fact that an active reference edge triggers the falling edge of
the synchronization pulse means that the falling edge is asynchro-
nous to the signal that clocks the distribution output dividers
(CLKINx). Therefore, the output clock distribution logic reclocks
the internal synchronization pulse to synchronize it with the
CLKINx signal. This means that the output dividers restart after
a deterministic delay associated with the reclocking circuitry.
This deterministic delay has two components. The first deter-
ministic delay component is four or five periods of the CLKINx
signal. The one period uncertainty is due to the unknown position
of the asynchronous reference clock edge relative to the CLKINx
signal. The second deterministic delay component is one output
period of the distribution divider.
MULTIFUNCTION PIN
SYNC SOURCE
0
1
REGISTER
0x0402[5]
SYSCLK/4
DPLL
FEEDBACK
EDGE
REGISTER
0x0402[4]
REF A
REF BB
RESET
EDGE
DETECT
EDGE
DETECT
ARM
EDGE
DETECT
ARM
DIRECT SYNC
DPLL EDGE SYNC
ACTIVE REFERENCE SYNC
EEPROM SYNC
SOURCE
PRIMARY
SYNCHRONIZATION
SIGNAL
DIRECT SYNC
SOURCE
(ADDRESS DX 0x0A02[1])
AUTOMATIC SYNC
SOURCE
(REGISTER DX 0x0403)
TO CLOCK
DISTRIBUTION
SYNCHRONIZATION
CONTROL
STALL
DIVIDERS
SYNC OUTPUT
DISTRIBUTION
TO MULTIFUNCTION
PIN STATUS LOGIC
Figure 46. Output Synchronization Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com