Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4051-2
Rev. 0 | Page 15 of 20
THEORY OF OPERATION
The ADA4051-2 micropower chopper operational amplifier
features a novel patent-pending technique that suppresses
offset-related ripple in a chopper amplifier. It nulls out the
amplifier’s initial offset in the dc domain that otherwise
becomes a ripple at the overall output, instead of filtering
the ripple in the ac domain.
Auto-zeroing and chopping are widely used for a high precision
CMOS amplifier to achieve low offset, low offset drift, and no
1/f noise. Auto-zeroing and chopping both have pros and cons.
Auto-zeroing gets more in-band noise due to aliasing intro-
duced by sampling. Chopping has offset-related ripple, because
it modulates the initial offset associated with the amplifier up to
its chopping frequency.
To accomplish the best noise vs. power trade-off, the chopping
technique is the right approach to design a low offset amplifier.
It is preferable to suppress the offset-related ripple in a chopper
amplifier in the amplifier itself, which otherwise must be
eliminated by an extra off-chip post filter.
Figure 56 shows the block diagram design of the ADA4051-2
chopper amplifier, employing a local feedback loop called auto
correction feedback (ACFB). The main signal path contains
an input chopping switch network (CHOP1), a first transcon-
ductance amplifier (Gm1), an output chopping switch network
(CHOP2), a second transconductance amplifier (Gm2), and a
third transconductance amplifier (Gm3). CHOP1 and CHOP2
operate at 40 kHz of chopping frequency to modulate the initial
offset and 1/f noise from Gm1 up to the chopping frequency. A
fourth transconductance amplifier (Gm4) in the ACFB senses
the modulated ripple at the output of CHOP2, caused by the
initial offset voltage of Gm1. Then, the ripple is demodulated
down to a dc domain through a third chopping switch network
(CHOP3), operating with the same chopping clock as CHOP1
and CHOP2. Finally, a null transconductance amplifier (Gm5)
tries to null out any dc component at the output of Gm1, which
would otherwise appear in the overall output as ripple.
A switched capacitor notch filter (NF) functions to selectively
suppress the undesired offset-related ripple, without disturbing
the desired input signal from the overall input. The desired
input dc signal appears as a dc signal at CHOP2’s output. Then,
it is modulated up to the chopping frequency by CHOP3 and
filtered out by the NF. Therefore, it does not create any feed-
back and does not disturb the desired input signal. The NF is
synchronized with the chopping clock to perfectly filter out the
modulated component. In the same manner, the offset of Gm5
is filtered out by the combination of CHOP3 and the NF,
enabling accurate ripple sensing at the output of CHOP2.
In parallel with the high dc gain path, a feedforward transcon-
ductance amplifier (Gm6) is added to bypass the phase shift
introduced by the ACFB at the chopping frequency. The Gm6
is designed to have the same transconductance as the Gm1 to
avoid the pole-zero doublets. Such design avoids any instability
introduced by the ACFB in the overall feedback loop.
Gm6 (= Gm1)
C2
C1
Gm3
C3
NF
Gm1
Gm2
CHOP1
CHOP2
Gm4
Gm5
CHOP3
OUT
+IN
–IN
Figure 56. ADA4051-2 Chopper Amplifier Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com