Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4051-2
Rev. 0 | Page 16 of 20
The voltage noise density is essentially flat from dc to the
chopping frequency, whose level is just the thermal noise floor
dominated by the Gm1, without receiving any addition due
to the ACFB. Although the ACFB suppresses the ripple related
to the chopping, there is a remaining voltage ripple. To further
suppress the remaining ripple down to a desired level, it is
recommended to have a post filter at the output of the amplifier.
The remaining voltage ripple is composed of two ingredients.
The first ripple’s ingredient is due to the residual ripple associated
with the initial offset of the Gm1. It is proportional to the mag-
nitude of the initial offset and creates a spectrum at the chopping
frequency (fCHOP). When the amplifier is configured as a unity
gain buffer, this ripple has a typical value of 4.9 μV rms and a
maximum of 34.7 μV rms. The second ripple’s ingredient is due
to the intermodulation between the high frequency input signal
and the chopping frequency. It depends on the input frequency
(fIN) and creates a spectrum at frequencies equal to the dif-
ference between the chopping frequency and the input
frequency (fCHOP − fIN) and at their summation (fCHOP + fIN).
The magnitude of the ripple for different input frequencies
is shown in Figure 57.
0
100
200
300
400
500
0123456789
10
INPUT FREQUENCY (kHz)
Figure 57. ADA4051-2 Modulated Output Ripple vs. Input Frequency
The design architecture of the ADA4051-2 specifically targets
precision signal conditioning applications requiring accurate
and stable performance from dc to 10 Hz bandwidth. In
summary, the main features of the ADA4051-2 chopper
amplifier are
•
Considerable suppression of the offset-related ripple
•
No affect on the desired input signal as long as its
frequency is much lower than the chopping frequency
shown in Figure 57
•
Achievement of low offset similar to a conventional
chopper amplifier
•
No introduction of excess noise
The ADA4051-2 chopper amplifier provides rail-to-rail input
range with 1.8 V to 5.5 V supply voltage range and 20 μA supply
current consumption over the −40°C to +125°C extended
industrial temperature range. The gain bandwidth is 125 kHz
as a unity gain stable amplifier up to 100 pF load capacitance.
INPUT VOLTAGE RANGE
The ADA4051-2 has internal ESD protection diodes. These
diodes are connected between the inputs and each supply rail
to protect the input MOSFETs against an electrical discharge
event and are normally reversed-biased. This protection
scheme allows voltages as high as approximately 0.3 V beyond
the supplies (±VSY ± 0.3 V) to be applied at the input of either
terminal without causing permanent damage.
If either input exceeds either supply rail by more than 0.3 V, these
ESD diodes become forward-biased and large amounts of
current begin to flow through them. Without current limiting,
this excessive current causes permanent damage to the device.
If the inputs are expected to be subject to overvoltage condi-
tions, install a resistor in series with each input to limit the
input current to 10 mA maximum.
The ADA4051-2 also has internal circuitry that protects the input
stage from high differential voltages. This circuitry is composed
of internal 1.33 kΩ resistors in series with each input and back-
to-back diode-connected N-MOSFETs (with a typical VT of
0.7 V for VCM of 0 V) after these series resistors. Under normal
negative feedback operating conditions, the ADA4051-2 amplifier
corrects its output to ensure the two inputs are at the same voltage.
However, if the device is configured as a comparator or is under
some unusual operating condition, the input voltages may be
forced to different potentials, which may cause excessive
current to flow through the internal diode-connected N-
MOSFETs.
Although the ADA4051-2 is a rail-to-rail input amplifier, take
care to ensure that the potential difference between the inputs
does not exceed ±VSY to avert permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com