Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4692-2ARZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4692-2ARZ-R7
Description  Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4692-2ARZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4692-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADA4691-2/ADA4692-2
Rev. A | Page 13 of
16
1
0.1
0.01
0.001
k
1
0.1
0.01
0.001
10
100
1k
10k 20k
FREQUENCY (Hz)
10
100
1k
10k 20
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
AV = –1
TA = 25°C
ADA4692-2
VSY = ±2.5V
AV = –1
TA = 25°C
RL = 600Ω
RL = 2kΩ
RL = 600Ω
RL = 2kΩ
Figure 39. THD + Noise vs. Frequency
ADA4692-2
VSY = ±1.35V
T = 25°C
50mV/DIV
1V/DIV
A
TIME (4µs/DIV)
Figure 40. Positive Overload Recovery
ADA4692-2
VSY = ±1.35V
TA = 25°C
TIME (4µs/DIV)
50mV/DIV
1V/DIV
Figure 41. Negative Overload Recovery
Figure 42. THD + Noise vs. Frequency
ADA4692-2
VSY = ±2.5V
AV = –100
TA = 25°C
TIME (4µs/DIV)
50mV/DIV
1V/DIV
Figure 43. Positive Overload Recovery
ADA4692-2
VSY = ±2.5V
AV = –100
50mV/DIV
1V/DIV
TA = 25°C
TIME (4µs/DIV)
Figure 44. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com