Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4692-2ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4692-2ARZ-R7
Description  Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4692-2ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4692-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4692-2ARZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADA4691-2/ADA4692-2
Rev. A | Page 15 of
16
SHUTDOWN OPERATION
INPUT PIN CHARACTERISTICS
The ADA4691-2 has a classic CMOS logic inverter input for
each shutdown pin, as shown in Figure 50.
TIME (400µs/DIV)
ISY = 724mV/1k = 724µA
SDA, B
DUT OUTPUT
VDD
P-CHANNEL
INPUT
OUTPUT
N-CHANNEL
Figure 50. CMOS Inverter
With slowly changing inputs, the top transistor and bottom
transistor may be slightly on at the same time, increasing the
supply current. This can be avoided by driving the input with a
digital logic output having fast rise and fall times. Figure 51
through Figure 53 show the supply current for both sections
switching simultaneously with rise times of 1 μs, 10 μs, and
1 ms. Clearly, the rise and fall times should be faster than 10 us.
Using an RC time constant to enable/disable shutdown is not
recommended.
TIME (400µs/DIV)
ISY = 196mV/1k = 196µA
SDA, B
DUT OUTPUT
Figure 51. Shutdown Pin Rise Time = 1 μs
TIME (400µs/DIV)
ISY = 192mV/1k = 196µA
SDA, B
DUT OUTPUT
Figure 52. Shutdown Pin Rise Time = 10 μs
Figure 53. Shutdown Pin Rise Time = 1 ms
INPUT THRESHOLD
The input threshold is approximately 1.2 V above the V− pin
when operating on ground and +5 V, and 0.9 V when operating
on 2.7 V (see Figure 54 and Figure 55). The threshold is rela-
tively stable over temperature. For operation on split supplies,
the logic swing may have to be level shifted.
500
450
400
350
300
250
200
150
100
50
0
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SD VOLTAGE (V)
ADA4691-2
TA = 25°C
VSY = 5V
TA = +125°C
TA = +25°C
TA = –40°C
TA = +85°C
Figure 54. Supply Current vs. Temperature, VSY = 5 V
300
250
200
150
100
.7
50
0
02
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
SD VOLTAGE (V)
ADA4691-2
VSY = 2.7V
TA = +125°C
TA = –40°C
TA = +85°C
TA = +25°C
Figure 55. Supply Current vs. Temperature, VSY = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com