Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK950 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCLK950
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950 Datasheet(HTML) 1 Page - Analog Devices

  ADCLK950 Datasheet HTML 1Page - Analog Devices ADCLK950 Datasheet HTML 2Page - Analog Devices ADCLK950 Datasheet HTML 3Page - Analog Devices ADCLK950 Datasheet HTML 4Page - Analog Devices ADCLK950 Datasheet HTML 5Page - Analog Devices ADCLK950 Datasheet HTML 6Page - Analog Devices ADCLK950 Datasheet HTML 7Page - Analog Devices ADCLK950 Datasheet HTML 8Page - Analog Devices ADCLK950 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Two Selectable Inputs, 10 LVPECL Outputs,
SiGe Clock Fanout Buffer
ADCLK950
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One T
U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
echnology Way, P.O. Box 9106, Norwood, MA 02062-9106,
FEATURES
FEATURES
2 selectable differential inputs
2 selectable differential inputs
4.8 GHz operating frequency
4.8 GHz operating frequency
75 fs rms broadband random jitter
75 fs rms broadband random jitter
On-chip input terminations
On-chip input terminations
3.3 V power supply
3.3 V power supply
APPLICATIONS
APPLICATIONS
Low jitter clock distribution
Low jitter clock distribution
Clock and data signal restoration
Clock and data signal restoration
Level translation
Level translation
Wireless communications
Wireless communications
Wired communications
Wired communications
Medical and industrial imaging
Medical and industrial imaging
ATE and high performance instrumentation
ATE and high performance instrumentation
GENERAL DESCRIPTION
GENERAL DESCRIPTION
The ADCLK950 is an ultrafast clock fanout buffer fabricated
on the Analog Devices, Inc., proprietary XFCB3 silicon german-
ium (SiGe) bipolar process. This device is designed for high
speed applications requiring low jitter.
The ADCLK950 is an ultrafast clock fanout buffer fabricated
on the Analog Devices, Inc., proprietary XFCB3 silicon german-
ium (SiGe) bipolar process. This device is designed for high
speed applications requiring low jitter.
The device has two selectable differential inputs via the IN_SEL
control pin. Both inputs are equipped with center tapped,
differential, 100 Ω on-chip termination resistors. The inputs
accept dc-coupled LVPECL, CML, 3.3 V CMOS (single-ended),
and ac-coupled 1.8 V CMOS, LVDS, and LVPECL inputs. A
VREFx pin is available for biasing ac-coupled inputs.
The device has two selectable differential inputs via the IN_SEL
control pin. Both inputs are equipped with center tapped,
differential, 100 Ω on-chip termination resistors. The inputs
accept dc-coupled LVPECL, CML, 3.3 V CMOS (single-ended),
and ac-coupled 1.8 V CMOS, LVDS, and LVPECL inputs. A
VREFx pin is available for biasing ac-coupled inputs.
The ADCLK950 features 10 full-swing emitter coupled logic
(ECL) output drivers. For LVPECL (positive ECL) operation,
bias VCC to the positive supply and VEE to ground. For ECL
operation, bias VCC to ground and VEE to the negative supply.
The ADCLK950 features 10 full-swing emitter coupled logic
(ECL) output drivers. For LVPECL (positive ECL) operation,
bias VCC to the positive supply and VEE to ground. For ECL
operation, bias VCC to ground and VEE to the negative supply.
The output stages are designed to directly drive 800 mV each
side into 50 Ω terminated to VCC − 2 V for a total differential
output swing of 1.6 V.
The output stages are designed to directly drive 800 mV each
side into 50 Ω terminated to VCC − 2 V for a total differential
output swing of 1.6 V.
The ADCLK950 is available in a 40-lead LFCSP and specified
for operation over the standard industrial temperature range of
−40°C to +85°C.
The ADCLK950 is available in a 40-lead LFCSP and specified
for operation over the standard industrial temperature range of
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL BLOCK DIAGRAM
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
Q9
Q9
LVPECL
ADCLK950
REFERENCE
VT0
VREF0
IN_SEL
CLK0
CLK0
VT1
CLK1
CLK1
VREF1
REFERENCE
Figure 1.


Similar Part No. - ADCLK950

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK950 AD-ADCLK950 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
ADCLK950BCPZ AD-ADCLK950BCPZ Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
ADCLK950BCPZ-REEL7 AD-ADCLK950BCPZ-REEL7 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
More results

Similar Description - ADCLK950

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
Two selectable differential LVPECL clock inputs
logo
Analog Devices
ADCLK946 AD-ADCLK946_17 Datasheet
335Kb / 12P
Six LVPECL Outputs, SiGe Clock Fanout Buffer
8/2017-Rev. A to Rev. B
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. A to Rev. B
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
8/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com