Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16240/PCBZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16240/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADIS16240
Rev. 0 | Page 12 of 16
EVENT RECORDER
The ADIS16240 provides a 3 × 8192 (8-bit) buffer memory for
reading transient acceleration data on all three axes (x, y, and z).
There are a number of user controls for tailoring the event recorder
for optimal system-level operation. Alarm 1 and Alarm 2 provide
internal and external trigger options for starting a data capture
sequence.
Internal Trigger Setup
Select the trigger data source for Alarm 1 and Alarm 2 using
ALM_CTRL[15:8] (see Table 12). The ALM_MAG1 and ALM_
MAG2 registers contain threshold magnitude and direction
settings for Alarm 1 and Alarm 2, respectively. The format for
the data bits in these registers matches the trigger data source,
which is set using ALM_CTRL[15:8]. For example, if ALM_
CTRL[15:12] equals 0010, then the format matches that of
XACCL_OUT: 10-bit, twos complement, with 1 LSB = 51.4 mg
of acceleration.
Table 12. ALM_CTRL Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:12]
Alarm 2 source selection
0000 = disabled
0001 = power supply voltage (SUPPLY_OUT)
0010 = x acceleration (XACCL_OUT)
0011 = y acceleration (YACCL_OUT)
0100 = z acceleration (ZACCL_OUT)
0101 = auxiliary ADC voltage (AUX_ADC)
0110 = temperature (TEMP_OUT)
0111 = XYZ peak acceleration (XYZPEAK_OUT)
1000 = external trigger
[11:8]
Alarm 1 source selection (same as Alarm 2)
[7:6]
Unused
5
Alarm 2 capture trigger: 1 = enabled, 0 = disabled
4
Alarm 1 capture trigger: 1 = enabled, 0 = disabled
3
Unused
2
Alarm indicator enable: 1 = enabled, 0 = disabled
1
Alarm indicator polarity: 1 = positive, 0 = negative
0
Alarm indicator pin: 1 = DIO2, 0 = DIO1
1 The ALM_CTRL register is located at Address 0x3D[15:8] and Address 0x3C[7:0].
Table 13. ALM_MAG1, ALM_MAG2 Register Bit Descriptions1
Bit
Description (Default = 0x9000)
15
Threshold direction
1 = active for output greater than alarm magnitude
0 = inactive for output less than alarm magnitude
14
Unused
[13:0]
Trigger threshold; bit format matches that of the
register selected by ALM_CTRL[15:8] but is unsigned.
1 The ALM_MAG1 register is located at Address 0x39[15:8] and Address 0x38[7:0].
The ALM_MAG2 register is located at Address 0x3B[15:8] and Address 0x3A[7:0].
Table 14. Internal Trigger Setup Example
DIN
Description
0xBD44
Set Alarm 1 and Alarm 2 to ZACCL_OUT
0xB980,
0xB832
Set Alarm 1 to trigger on a measured acceleration
that has a magnitude of >2.57 g
0xBB00,
0xBA0A
Set Alarm 2 to trigger on a measured acceleration
that has a magnitude of <0.5 g
0xBC37
Activate Alarm 1 and Alarm 2 to trigger capture events,
and configure DIO2 as a positive alarm indicator output.
External Trigger Setup
ALM_CTRL[15:8] and XTRIG_CTRL (see Table 15) provide all
of the settings needed to govern the use of the comparator pins
(CMP1, CMP2) as external trigger inputs.
Table 15. XTRIG_CTRL Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:8]
Unused
7
External Trigger 1 direction: 0 = <, 1 = >
6
External Trigger 2 direction: 0 = <, 1 = >
5
External Trigger 1 enable: 1 = enabled, 0 = disabled
4
External Trigger 2 enable: 1 = enabled, 0 = disabled
[3:0]
External trigger-level setting (TL), binary format
Note that trigger threshold = TL × supply/24
1 The XTRIG_CTRL register is located at Address 0x3F[15:8] and Address 0x3E[7:0].
Table 16. External Trigger Setup Example
DIN
Description
0xBD80
Set Alarm 2 to an external trigger (ALM_CTRL)
0xBE1C
Activate and set CMP2 to trigger on signals that are
greater than one-half of the supply voltage (XTRIG_CTRL)
0xBC20
Activate Alarm 2 to trigger data capture (ALM_CTRL)
If the device is in standby mode, an external trigger on CMD1 or
CMD2 awakens the device and initiates an event capture. The first
sample is taken 0.2 ms + sample period (SMPL_PRD[7:0]) after
the trigger edge.
Buffer Memory Configuration
CAPT_CTRL (see Table 17) manages the buffer memory for the
event recorder using two programmable controls: event length and
pretrigger length.
Table 17. CAPT_CTRL Register Bit Descriptions1
Bit
Description (Default = 0x0022)
[15:8]
Unused
[7:4]
Pretrigger length control factor (P), binary format
3
Unused
[2:0]
Event length control factor (T), binary format
1 The CAPT_CTRL register is located at Address 0x43[15:8] and Address 0x42[7:0].
The event length (NL) also determines the number of events (NE)
that the buffer can store at one time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com