Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16240/PCBZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16240/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16240/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16240
Rev. 0 | Page 14 of 1
6
Transient Behavior During Capture
During capture events, the device consumes an increased amount
of current for a short period. Following a capture event, sampling
suspends and the SPI commands are ignored by the sensor for
the pause times that are listed in Table 22.
Table 22. Postcapture Operation Pause Times
Event Length (Samples)
Pause Time (ms)
<64
2
128
4
256
8
512
16
1024
33
OPERATIONAL CONTROL
Internal Sample Rate
The SMPL_PRD register (see Table 23) provides a user control
for sample rate adjustment, using the following equation:
fS =
)
1
(
32768
+
SR
N
For example, set SMPL_PRD[7:0] = 0x07 (DIN = 0xC807) to
configure the ADIS16240 to operate at its maximum sample
rate of 4096 SPS. Note that the sample rate affects power dis-
sipation and peak resolution during event capture.
Table 23. SMPL_PRD Register Bit Descriptions1
Bit
Description (Default = 0x001F)
[15:0]
Sample rate scale factor, binary format (NSR)
1 The SMPL_PRD register is located at Address 0x49[15:8] and Address 0x48[7:0].
Global Commands
For convenience, the GLOB_CMD register (see Table 24) provides
an array of single-write commands. Setting the assigned bit to 1
activates each function, right after the 16th SCLK in the SPI com-
munication sequence. When the function completes, the bit
restores itself to 0. All commands in the GLOB_CMD register
require the power supply to be within normal limits for the
execution times listed in Table 24. The execution times reflect the
factory default configuration, where applicable, and describe the
time required to return to normal operation. For example, set
GLOB_CMD[2] = 1 (DIN = 0xCA04) to place the part in standby
mode. Set GLOB_CMD[8] = 1 (DIN = 0xCB01) to wake up the
device and return to normal operation.
Input/Output Lines
The ADIS16240 provides two general-purpose digital input/
output lines that offer several functions. When using the factory-
default configuration, MSC_CTRL[2:0] establishes DIO1 as
a positive data-ready output. Change MSC_CTRL[2:0] to 100
(DIN = 0xC604) to make DIO1 a negative data-ready output
signal. ALM_CTRL[2:0] offers a control for setting one of the
digital signals as an alarm indicator. For example, set ALM_
CTRL[2:0] = 110 (DIN = 0xBC06) to set DIO1 as a positive
alarm indicator output signal. When configured as general-
purpose lines, the GPIO_CTRL register configures DIO1 and
DIO2. For example, set GPIO_CTRL = 0x0103 (DIN = 0xC403,
then 0xC501) to set DIO1 and DIO2 as outputs, with DIO1 in
a 1 state and DIO2 in a 0 state. In the event of competing assign-
ments, the order of precedence is MSC_CTRL, ALM_CTRL,
and GPIO_CTRL.
Table 24. GLOB_CMD Register Bit Descriptions1
Bit
Description
Execution Time2
[15:9]
Unused
N/A
8
Wake up from standby mode
0.2 ms
7
Software reset
32 ms
6
Clear capture buffer flash memory
350 ms
5
Clear peak registers
N/A
4
Clear DIAG_STAT register
N/A
3
Save configuration to flash
24 ms
2
Start standby mode for low power
N/A
1
Restore factory-default settings
350 ms
0
Auto-null
N/A
1 The GLOB_CMD register is located at Address 0x4B[15:8] and Address 0x4A[7:0].
2 SPI processing and data sampling suspend for the indicated times.
Table 25. MSC_CTRL Register Bit Descriptions1
Bit
Description (Default = 0x0006)
15
Enables sum-of-squares output (XYZPEAK_OUT)
14
Enables peak tracking output (XPEAK_OUT,
YPEAK_OUT, and ZPEAK_OUT)
[13:10]
Unused
9
No self-test on startup when set to 1
8
Self-test enable: 1 = apply electrostatic force, 0 = disabled
[7:3]
Unused
2
Data-ready enable: 1 = enabled, 0 = disabled
1
Data-ready polarity: 1 = active high, 0 = active low
0
Data-ready line selection: 1 = DIO2, 0 = DIO1
1 The MSC_CTRL register is located at Address 0x47[15:8] and Address 0x46[7:0].
Table 26. GPIO_CTRL Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:10]
Unused
9
General-Purpose I/O Line 2 data level
8
General-Purpose I/O Line 1 data level
[7:2]
Unused
1
General-Purpose I/O Line 2, data direction control:
1 = output, 0 = input
0
General-Purpose I/O Line 1, data direction control:
1 = output, 0 = input
1 The GPIO_CTRL register is located at Address 0x45[15:8] and Address 0x44[7:0].
Offset Adjustment
The XACCL_OUT, YACCL_OFF, and ZACCL_OFF registers
add to the sensor outputs and provide a convenient offset adjust-
ment function for each accelerometer output. For example, writing
0x0A to YACCL_OUT[7:0] (DIN = 0xA20A) results in a 514 mg
offset adjustment for the YACCL_OUT output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com