Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16362/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16362/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16362/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADIS16362
Rev. 0 | Page 14 of 20
INPUT/OUTPUT FUNCTIONS
General-Purpose I/O
DIO1, DIO2, DIO3, and DIO4 are configurable, general-pur-
pose I/O lines that serve multiple purposes according to the
following control register priority: MSC_CTRL, ALM_CTRL,
and GPIO_CTRL. For example, set GPIO_CTRL = 0x080C
(DIN = 0xB308, and then 0xB20C) to configure DIO1 and
DIO2 as inputs and DIO3 and DIO4 as outputs, with DIO3
set low and DIO4 set high.
In this configuration, read GPIO_CTRL (DIN = 0x3200).The
digital state of DIO1 and DIO2 is in GPIO_CTRL[9:8].
Table 21. GPIO_CTRL Bit Descriptions
Bit
Description
[15:12]
Not used
[11]
General-Purpose I/O Line 4 (DIO4) data level
[10]
General-Purpose I/O Line 3 (DIO3) data level
[9]
General-Purpose I/O Line 2 (DIO2) data level
[8]
General-Purpose I/O Line 1 (DIO1) data level
[7:4]
Not used
[3]
General-Purpose I/O Line 4 (DIO4) direction control
(1 = output, 0 = input)
[2]
General-Purpose I/O Line 3 (DIO3) direction control
(1 = output, 0 = input)
[1]
General-Purpose I/O Line 2 (DIO2) direction control
(1 = output, 0 = input)
[0]
General-Purpose I/O Line 1 (DIO1) direction control
(1 = output, 0 = input)
Input Clock Configuration
The input clock function allows for external control over-
sampling in the ADIS16362. Set GPIO_CTRL[3] = 0 (DIN =
0x0B200) and SMPL_PRD[7:0] = 0x00 (DIN = 0xB600) to
enable this function. See Table 2 and Figure 4 for timing
information.
Data Ready I/O Indicator
The factory default sets DIO1 as a positive data ready indicator
signal. The MSC_CTRL[2:0] bits provide configuration options
for changing the default. For example, set MSC_CTRL[2:0] =
100 (DIN = 0xB404) to change the polarity of the data ready
signal on DIO1 for interrupt inputs that require negative logic
inputs for activation. The pulse width is between 100 μs and
200 μs over all conditions.
Table 22. MSC_CTRL Bit Descriptions
Bit
Description
[15:12]
Not used
[11]
Memory test (cleared upon completion)
(1 = enabled, 0 = disabled)
[10]
Internal self-test enable (cleared upon completion)
(1 = enabled, 0 = disabled)
[9]
Manual self-test, negative stimulus
(1 = enabled, 0 = disabled)
[8]
Manual self-test, positive stimulus
(1 = enabled, 0 = disabled)
[7]
Linear acceleration bias compensation for gyroscopes
(1 = enabled, 0 = disabled)
[6]
Linear accelerometer origin alignment
(1 = enabled, 0 = disabled)
[5:3]
Not used
[2]
Data ready enable
(1 = enabled, 0 = disabled)
[1]
Data ready polarity
(1 = active high, 0 = active low)
[0]
Data ready line select
(1 = DIO2, 0 = DIO1)
Auxiliary DAC
The 12-bit AUX_DAC line can drive its output to within 5 mV
of the ground reference when it is not sinking current. As the out-
put approaches 0 V, the linearity begins to degrade (~100 LSB
beginning point). As the sink current increases, the nonlinear
range increases. The DAC latch command moves the values of
the AUX_DAC register into the DAC input register, enabling
both bytes to take effect at the same time.
Table 23. AUX_DAC Bit Descriptions
Bit
Description
[15:12]
Not used
[11:0]
Data bits, scale factor = 0.8059 mV/LSB
Offset binary format, 0 V = 0 LSB
Table 24. Setting AUX_DAC = 1 V
DIN
Description
0xB0D9
AUX_DAC[7:0] = 0xD9 (217 LSB).
0xB104
AUX_DAC[15:8] = 0x04 (1024 LSB).
0xBE04
GLOB_CMD[2] = 1.
Move values into the DAC input register, resulting in
a 1 V output level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com