Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16362/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16362/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16362/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16362/PCBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADIS16362
Rev. 0 | Page 18 of 20
OUTLINE DIMENSIONS
TOP VIEW
BOTTOM VIEW
FRONT VIEW
DETAIL A
CASTING
FEATURE
SIDE VIEW
22.964
22.710
22.456
14.950
14.550
14.150
21.410
21.210
21.010
23.504
23.250
22.996
5.20
5.00
4.80
(2×)
4.20
4.00
3.80
(2×)
17.41
17.21
17.01
(2×)
2.660
2.500
2.340
23.454
23.200
22.946
31.900
31.700
31.500
4.330
BSC
1.588
BSC
2.382
BSC
PIN 24
PIN 1
9.464
9.210
8.956
(2×)
DETAIL A
0.305
BSC (24×)
1.00
BSC (22×)
1.65 BSC
4.162 BSC
14.00 BSC
7.18
BSC
1.588
BSC
12.10
BSC
0.05
BSC
1.00
BSC
2.00 BSC
10.50
BSC
10.60
BSC
Figure 18. 24-Lead Module with Connector Interface
(ML-24-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADIS16362BMLZ1
−40°C to +105°C
24-Lead Module with Connector Interface
ML-24-2
ADIS16362/PCBZ1
Interface Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com