Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5331
Description  1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5331 Datasheet HTML 8Page - Analog Devices ADL5331 Datasheet HTML 9Page - Analog Devices ADL5331 Datasheet HTML 10Page - Analog Devices ADL5331 Datasheet HTML 11Page - Analog Devices ADL5331 Datasheet HTML 12Page - Analog Devices ADL5331 Datasheet HTML 13Page - Analog Devices ADL5331 Datasheet HTML 14Page - Analog Devices ADL5331 Datasheet HTML 15Page - Analog Devices ADL5331 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADL5331
Rev. 0 | Page 13 of 16
For the AGC loop to remain in equilibrium, the AD8319 must
track the envelope of the output signal of the ADL5331 and
provide the necessary voltage levels to the gain control input
of the ADL5331. Figure 21 shows an oscilloscope of the AGC
loop depicted in Figure 19. A 100 MHz sine wave with 50% AM
modulation is applied to the ADL5331. The output signal from the
VGA is a constant envelope sine wave with amplitude corres-
ponding to a setpoint voltage at the AD8319 of 1.3 V. The gain
control response of the AD8319 to the changing input envelope
is also shown in Figure 21.
AD8319 OUTPUT
CH1 250mV Ω CH2 200mV
CH3 250mV Ω
M2.00ms
A CH4
1.80V
1
2
3
T
0.00000s
T
T
ADL5331 OUTPUT
AM MODULATED INPUT
Figure 21. Oscilloscope Showing an AM Modulated Input Signal and the
Response from the AD8319
Figure 22 shows the response of the AGC RF output to a pulse
on VSET. As VSET decreases from 1.5 V to 0.4 V, the AGC loop
responds with an RF burst. In this configuration, the input signal to
the ADL5331 is a 1 GHz sine wave at a power level of −15 dBm.
CH3 200mV Ω
CH2 500mV
M 4.0µs 12.5MS/s 80.0ns/pt
A CH1
150mV
2
t1: 4.48µs
t2: 2.4µs
Δt: –2.08µs
1/Δt: –480.8kHz
MEAN(C1) 440.3mV
CURS2 POS
2.4µs
CURS1 POS
4.48µs
AMPL(C1) 3.36V
AMPL(C2) 900mV
Figure 22. Oscilloscope Showing theResponse Time of the AGC Loop
Response time and the amount of signal integration are con-
trolled by CLPF. This functionality is analogous to the feedback
capacitor around an integrating amplifier. While it is possible
to use large capacitors for CLPF, in most applications, values
under 1 nF provide sufficient filtering.
More information on the use of AD8319 in an AGC application
can be found in the AD8319 data sheet.
CMTS TRANSMIT APPLICATION
Interfacing to AD9789
Because of its broadband operating range, the ADL5331 VGA
can also be used in direct-launch cable modem termination
systems (CMTS) applications in the 50 MHz to 860 MHz cable
band. The ADL5331 makes an excellent choice as a post-DAC
VGA in a CMTS application when used with the Analog
Devices AD9789 wideband DAC. The AD9789 also contains
digital signal processing specifically designed to process
DOCSIS type CMTS signals. A typical AD9789-to-ADL5331
interface is shown in Figure 23.
16mA
16mA
50Ω
55Ω
20Ω
AD9789
DAC
25Ω
70Ω
VGA
5V
SERIES
TERMINATION
Figure 23. Block Diagram of AD9789 interface to ADL5331 in a DOCSIS Type Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com