Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16260/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16260/PCBZ
Description  Programmable Low Power Gyroscope
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16260/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16260/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ADIS16260/ADIS16265
Rev. PrB | Page 18 of 19
Table 40. ALM_CTRL Bit Descriptions
Bit
Value
Description
15
Rate of change (ROC) enable for Alarm 2
1 = rate of change
0 = static level
14:12
Alarm 2 source selection
000
Disable
001
Power supply output
010
Gyroscope output
011
Inactive
100
Inactive
101
Auxiliary ADC output
110
Temperature sensor output
111
Inactive
11
Rate of change (ROC) enable for Alarm 1
1 = rate of change
0 = static level
10:8
Alarm 1 source selection
000
Disable
001
Power supply output
010
Gyroscope output
011
Inactive
100
Inactive
101
Auxiliary ADC output
110
Temperature sensor output
111
Inactive
7:5
Not used
4
Filtered data comparison
1 = filtered data
0 = unfiltered data
3
Not used
2
Alarm output enable
1 = enabled
0 = disabled
1
Alarm output polarity
1 = active high
0 = active low
0
Alarm output line select
1 = DIO1
0 = DIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com