Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16260/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16260/PCBZ
Description  Programmable Low Power Gyroscope
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16260/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16260/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16260/PCBZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Preliminary Technical Data
ADIS16260/ADIS16265
Rev. PrB | Page 19 of 19
OUTLINE DIMENSIONS
SIDE VIEW
TOP VIEW
BOTTOM VIEW
PIN 1
INDICATOR
1.000 BSC
(20×)
5.50
MAX
11.00
TYP
1
5
6
10
11
15
16
20
11.15
MAX
7.600
BSC
(4×)
3.800
BSC
(8×)
7.00
TYP
10.173
BSC
(2×)
0.200
MIN
(ALL SIDES)
0.900 BSC
(16×)
0.373 BSC
(20×)
Figure 13. 20-Terminal Stacked Land Grid Array [LGA]
(CC-20-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADIS16260BCCZ1
−40°C to +105°C
20-Terminal Stacked Land Grid Array [LGA]
CC-20-1
ADIS16265BCCZ1
−40°C to +105°C
20-Terminal Stacked Land Grid Array [LGA]
CC-20-1
ADIS16260/PCBZ1
Evaluation Board for the ADIS16260
ADIS16265/PCBZ1
Evaluation Board for the ADIS16265
1 Z = RoHS Compliant Part.
©2006–2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR08246-0-6/09(PrB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com