Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5331ACPZ-R7
Description  1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5331ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5331
Rev. 0 | Page 12 of 16
INLO
INHI
GAIN
OPLO
OPHI
10dB
DIRECTIONAL
COUPLER
10dB
ATTENUATOR
VPOS
COMM
ADL5331
+5V
+5V
+5V
COMM
VOUT
VPOS
VSET
INHI
INLO
CLPF
AD8319
LOG AMP
DAC
RFIN
SIGNAL
RFOUT SIGNAL
390Ω
1kΩ
SETPOINT
VOLTAGE
220pF
1nF
1nF
120nH
120nH
10nF
10nF
10nF
10nF
Figure 19. AD8319 Operating in Controller Mode to Provide Automatic Gain Control Functionality in Combination with the ADL5331
Figure 19 shows the basic connections for operating the AD8319
log detector in an automatic gain control (AGC) loop with the
ADL5331.
The gain of the ADL5331 is controlled by the output pin of the
AD8319. The voltage, VOUT, has a range of 0 V to near VPOS. To
avoid overdrive recovery issues, the AD8319 output voltage can
be scaled down using a resistive divider to interface with the
0.1 V to 1.4 V gain control range of the ADL5331.
A coupler/attenuation of 21 dB is used to match the desired
maximum output power from the VGA to the top end of the
linear operating range of the AD8319 (approximately −5 dBm
at 900 MHz).
Figure 20 shows the transfer function of the output power vs.
the VSET voltage over temperature for a 100 MHz sine wave
with an input power of −1.5 dBm. Note that the power control
of the AD8319 has a negative sense. Decreasing VSET, which
corresponds to demanding a higher signal from the ADL5331,
increases gain.
This AGC loop is capable of controlling signals of ~30 dB,
which is the gain range limitation on the ADL5331. Across
the top 25 dB range of output power, the linear conformance
error is within ±0.5 dB over temperature.
20
15
10
5
3.00
2.25
1.50
–0.75
–1.50
–2.25
–3.00
0
0.75
0
–5
–10
–15
–20
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
VSET (V)
+85°C
+25°C
–40°C
Figure 20. ADL5331 Output Power vs. AD8319 Setpoint Voltage,
PIN = 0 dBm at 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com