Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5331ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5331ACPZ-R7
Description  1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5331ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5331ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5331ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 MHz to 1.2 GHz VGA with
30 dB Gain Control Range
ADL5331
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Voltage-controlled amplifier/attenuator
Operating frequency: 1 MHz to 1.2 GHz
Optimized for controlling output power
High linearity: OIP3 47 dBm @ 100 MHz
Output noise floor: −149 dBm/Hz @ maximum gain
Input impedance: 50 Ω
Output impedance: 20 Ω
Wide gain-control range: 30 dB
Linear-in-dB gain control function: 40 mV/dB
Single-supply voltage: 4.75 V to 5.25 V
APPLICATIONS
Transmit and receive power control at RF and IF
CATV distribution
FUNCTIONAL BLOCK DIAGRAM
INLO
VPS1
COM1
INHI
COM2
OPLO
OPHI
IPBS
GAIN
CONTROL
BIAS
AND
VREF
GAIN
COM2
RFOUT
COM2
VPS2
VPS2
VPS2
COM1
VPS1
VPS2
VPS2
COM2
COM2
OPBS
NC
ENBL VPS2
RFIN
INPUT
GM
STAGE
OUTPUT
(TZ)
STAGE
ADL5331
Figure 1.
GENERAL DESCRIPTION
The ADL5331 is a high performance, voltage-controlled
variable gain amplifier/attenuator for use in applications with
frequencies up to 1.2 GHz. The balanced structure of the signal
path maximizes signal swing, eliminates common-mode noise
and minimizes distortion while it also reduces the risk of spu-
rious feed-forward at low gains and high frequencies caused by
parasitic coupling.
The 50 Ω differential input system converts the applied
differential voltage at INHI and INLO to a pair of differential
currents with high linearity and good common-mode rejection.
The signal currents are then applied to a proprietary voltage-
controlled attenuator providing precise definition of the overall
gain under the control of the linear-in-dB interface. The GAIN
pin accepts a voltage from 0 V at a minimum gain to 1.4 V at a
full gain with a 40 mV/dB scaling factor over most of the range.
The output of the high accuracy wideband attenuator is applied
to a differential transimpedance output stage. The output stage
provides a differential output at OPHI and OPLO, which must be
pulled up to the supply with RF chokes or a center-tapped balun.
The ADL5331 consumes 240 mA of current including the out-
put pins and operates off a single supply ranging from 4.75 V
to 5.25 V. A power-down function is provided by applying a
logic low input on the ENBL pin. The current consumption in
power-down mode is 250 μA.
The ADL5331 is fabricated on an Analog Devices, Inc., pro-
prietary high performance, complementary bipolar IC process.
The ADL5331 is available in a 24-lead (4 mm × 4 mm), Pb-free
LFCSP_VQ package and is specified for operation from ambient
temperatures of −40°C to +85°C. An evaluation board is also
available.


Similar Part No. - ADL5331ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5331ACPZ-R7 AD-ADL5331ACPZ-R7 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
More results

Similar Description - ADL5331ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
1 MHz - 3 GHz VGA with 60dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330 AD-ADL5330_05 Datasheet
869Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
logo
NXP Semiconductors
BGA3021 PHILIPS-BGA3021_15 Datasheet
220Kb / 14P
1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 PHILIPS-BGA3022_15 Datasheet
220Kb / 14P
1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
Analog Devices
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
logo
NXP Semiconductors
BGA3021 NXP-BGA3021 Datasheet
220Kb / 14P
1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 NXP-BGA3022 Datasheet
220Kb / 14P
1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
Analog Devices
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com