Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2229 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2229
Description  TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAHE SWITCHING, DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2229 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2229 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2229 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2229 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC2229

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2229 TOSHIBA-2SC2229 Datasheet
124Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2229 WINNERJOIN-2SC2229 Datasheet
136Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2229 FOSHAN-2SC2229 Datasheet
897Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SC2229 JIANGSU-2SC2229 Datasheet
4Mb / 5P
T O-92MOD Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC2229 SECOS-2SC2229 Datasheet
356Kb / 2P
50mA , 200V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC2229

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1182 TOSHIBA-2SA1182 Datasheet
129Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SA1588 TOSHIBA-2SA1588 Datasheet
143Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS
2SA949 TOSHIBA-2SA949 Datasheet
145Kb / 2P
TRANSISTOR (DRIVER STAGE AUDIO AMPLIFIER, HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC2859 TOSHIBA-2SC2859 Datasheet
142Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
logo
Samsung semiconductor
KSA910 SAMSUNG-KSA910 Datasheet
78Kb / 2P
PNP (DRIVER STAGE AUDIO AMPLIFIER HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
2SC1755 SANYO-2SC1755 Datasheet
57Kb / 2P
TV Chroma, Video,Audio Output Applications
logo
KEC(Korea Electronics)
KTC3206 KEC-KTC3206 Datasheet
438Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)
logo
Fairchild Semiconductor
KSA910 FAIRCHILD-KSA910 Datasheet
40Kb / 4P
Driver Stage Of Audio Amplifier & High Voltage Switching Applications
logo
Toshiba Semiconductor
2SA949 TOSHIBA-2SA949_07 Datasheet
122Kb / 4P
Driver-Stage Audio Amplifier Applications High-Voltage Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com