Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2118ACPZ-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2118ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
3 A, 1.2 MHz/600 kHz High Efficiency
Synchronous Step-Down DC-to-DC Converter
ADP2118
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
3 A continuous output current
75 mΩ and 40 mΩ integrated FET
±1.5% output accuracy
Input voltage range from 2.3 V to 5.5 V
Output voltage from 0.6 V to VIN
600 kHz or 1.2 MHz fixed switching frequency
Synchronizable between 600 kHz and 1.4 MHz
Selectable synchronize phase shift: 0o or 180o
Selectable PWM or PFM mode operation
Current mode architecture
Precision enable input
Power good output
Voltage tracking input
Integrated soft start
Internal compensation
Starts up into a precharged output
UVLO, OVP, OCP, and thermal shutdown
Available in 16-lead 4mm × 4mm LFCSP_WQ package
APPLICATIONS
DSP/FPGA/ASIC core power
Telecommunication/networking equipment
PDAs and palmtop computers
Audio/video consumer electronics
GENERAL DESCRIPTION
The ADP2118 is a low quiescent current, synchronous, step-down,
dc-to-dc converter in a compact 4mm × 4mm LFCSP_WQ
package. It uses a current mode, constant frequency pulse-width
modulation (PWM) control scheme for excellent stability and
transient response. Under light loads, the ADP2118 can be
configured to operate in pulse frequency modulation (PFM)
mode that reduces switching frequency to save power.
The ADP2118 runs from input voltages of 2.3 V to 5.5 V. The
output voltage of the ADP2118ACPZ-R7 is adjustable from
0.6 V to input voltage (VIN), and the ADP2118ACPZ-x.x-R7 are
available in preset output voltage options of 3.3 V, 2.5 V, 1.8 V,
1.5 V, 1.2 V, and 1.0 V. The ADP2118 requires minimal external
parts and provides a high efficiency solution with its integrated
power switch, synchronous rectifier, and internal compensation.
The IC draws less than 3 μA from the input source when it is
disabled. Other key features include undervoltage lockout
(UVLO), integrated soft start to limit inrush current at startup,
overvoltage protection (OVP), overcurrent protection (OCP),
and thermal shutdown (TSD).
RTOP
10kΩ
RBOT
2.21kΩ
R2
10kΩ
R1
10Ω
SYNC/MODE
FREQ
TRK
FB
PVIN
ADP2118
SW
SW
SW
1
2
3
4
12
11
10
9
CIN
100µF
X5R,
6.3V
COUT
100µF
X5R,
6.3V
C1
0.1µF
VIN
5V
VOUT
3.3V
3A
L
1µH
16
15
14
13
5
6
7
8
Figure 1. Typical Applications Circuit
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
VIN = 5V
VOUT = 3.3V
fS = 1.2MHz
PFM OPERATION
FPWM OPERATION
Figure 2. Efficiency vs. Output Current


Similar Part No. - ADP2118ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-2PH-EVALZ AD-ADP2114-2PH-EVALZ Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-EVALZ AD-ADP2114-EVALZ Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114ACPZ-R7 AD-ADP2114ACPZ-R7 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
More results

Similar Description - ADP2118ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com