Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2118ACPZ-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP2118ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADP2118
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Functional Block Diagram ............................................................ 13
Theory of Operation ...................................................................... 14
Control Scheme .......................................................................... 14
PWM Mode Operation.............................................................. 14
PFM Mode Operation................................................................ 14
Slope Compensation .................................................................. 14
Enable/Shutdown ....................................................................... 14
Integrated Soft Start ................................................................... 14
Tracking....................................................................................... 14
Oscillator and Synchronization................................................ 15
Current Limit and Short-Circuit Protection .......................... 15
Overvoltage Protection (OVP)................................................. 15
Undervoltage Lockout (UVLO) ............................................... 15
Thermal Shutdown .................................................................... 15
Power Good ................................................................................ 15
Applications Information .............................................................. 16
Output Voltage Selection........................................................... 16
Inductor Selection ...................................................................... 16
Output Capacitor Selection....................................................... 16
Input Capacitor Selection.......................................................... 17
Voltage Tracking......................................................................... 17
Typical Application Circuits ......................................................... 18
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
7/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com