Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.0-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2118ACPZ-1.0-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.0-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2118ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADP2118
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VIN = PVIN = 3.3 V, EN = VIN, SYNC/MODE = high @ TJ = −40°C to +125°C, unless otherwise noted. Typical values are at TJ = 25oC.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VIN AND PVIN
VIN Voltage Range
VIN
2.3
5.5
V
PVIN Voltage Range
PVIN
2.3
5.5
V
Quiescent Current
IVIN
No switching, SYNC/MODE = GND
100
150
μA
Switching, no load, SYNC/MODE = high
680
900
μA
Shutdown Current
ISHDN
VIN = PVIN = 5.5 V, EN = GND
0.3
3
μA
VIN Undervoltage Lockout Threshold
UVLO
VIN rising
2.2
2.3
V
VIN falling
2
2.1
V
OUTPUT CHARACTERISTICS
Load Regulation1
Io = 0 A to 3 A
0.08
%/A
Line Regulation1
Io = 1.5 A
0.05
%/V
FB
FB Regulation Voltage
VFB
VIN = 2.3 V to 5.5 V
0.591
0.6
0.609
V
FB Bias Current
IFB
0.01
0.1
μA
SW
High-Side On Resistance2
VIN = PVIN = 3.3 V, ISW = 500 mA
75
110
mΩ
Low-Side On Resistance2
VIN = PVIN = 3.3 V, ISW = 500 mA
40
60
mΩ
SW Peak Current Limit
High-side switch, VIN = PVIN = 3.3 V
4
5.2
6.4
A
SW Maximum Duty Cycle
VIN = PVIN = 5.5 V, full frequency
100
%
SW Minimum On Time3
VIN = PVIN = 5.5 V, full frequency
100
ns
TRK
TRK Input Voltage Range
0
600
mV
TRK to FB Offset Voltage
TRK = 0 mV to 500 mV
−10
+10
mV
TRK Input Bias Current
100
nA
FREQUENCY
Oscillator Frequency
FREQ = VIN
1.0
1.2
1.4
MHz
FREQ = GND
500
600
700
kHz
FREQ Input High Voltage
1.2
V
FREQ Input Low Voltage
0.4
V
SYNC/MODE
Synchronization Range
0.6
1.4
MHz
SYNC Minimum Pulse Width
100
ns
SYNC Minimum Off Time
100
ns
SYNC Input High Voltage
1.2
V
SYNC Input Low Voltage
0.4
V
INTEGRATED SOFT START
Soft Start Time
All switching frequency
2048
Clock cycles
PGOOD
Power Good Range
FB rising threshold
105
110
115
%
FB rising hysteresis
2.5
%
FB falling threshold
85
90
94
%
FB falling hysteresis
2.5
%
Power Good Deglitch Time
From FB to PGOOD
16
Clock cycles
PGOOD Leakage Current
VPGOOD = 5 V
0.1
1
μA
PGOOD Output Low Voltage
IPGOOD = 1 mA
140
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com