Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.0-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2118ACPZ-1.0-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.0-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2118ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP2118
Rev. 0 | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN
EN Input Rising Threshold
VIN = 2.3 V to 5.5 V
1.12
1.2
1.28
V
EN Input Hysteresis
VIN = 2.3 V to 5.5 V
100
mV
EN Pull-Down Resistor
1
MΩ
THERMAL
Thermal Shutdown Threshold
140
°C
Thermal Shutdown Hysteresis
15
°C
1 Specified by the circuit in Figure 45.
2 Pin-to-pin measurements.
3 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com