Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.8-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2118ACPZ-1.8-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.8-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2118ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP2118
Rev. 0 | Page 11 of 24
CH1 500mV CH2 5V
CH4 5A Ω
M2ms
A CH1
670mV
1
2
4
T 29.60%
VOUT
SW
IL
Figure 28. Output Short
T 59%
CH1 500mV
CH2 500mV
M4ms
A CH2
640mV
1
FB
TRK
Figure 29. Tracking Function
CH2 5V
CH4 1A Ω
CH1 10mV
M 400ns
A CH2
3.90V
1
2
4
T 57.80%
VOUT (AC)
SW
IL
Figure 30. Discontinuous Conduction Mode (DCM)
CH1 500mV CH2 5V
CH4 5A Ω
M2ms
A CH1
670mV
1
2
4
T 59.60%
VOUT
SW
IL
Figure 31. Output Short Recovery
CH1 50mV
CH2 5V
CH4 1A Ω
M4µs
A CH4
1.72A
1
2
4
T
64.60%
SW
IL
VOUT (AC)
Figure 32. PFM Mode
M400ns
A CH2
3.1V
1
2
4
T 57.8%
CH1 10mV
CH2 5V
CH4 2A Ω
VOUT (AC)
IL
SW
Figure 33. Continuous Conduction Mode (CCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com