Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2118ACPZ-1.8-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2118ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP2118ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP2118
Rev. 0 | Page 13 of 24
FUNCTIONAL BLOCK DIAGRAM
NMOS
CURRENT
SENSE AMP
ZERO
CURRENT
CMP
PGND
PVIN
PMOS CURRENT
SENSE AMP
0.6V
ERRO AMP
0.54V
FREQ
FB
SLOPE
COMPENSATION
OSCILLATOR
SKIP MODE
THRESHOLD
SKIP
CMP
SYNC/MODE
LOGIC
CONTROL
CLK
SW
EN
UVLO
VIN
PFET
NFET
GND
TRK
ZCOMP
0.66V
PGOOD
SOFT
START
Gm
ADP2118
Figure 40. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com