Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3634ARDZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3634ARDZ
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3634ARDZ Datasheet(HTML) 1 Page - Analog Devices

  ADP3634ARDZ Datasheet HTML 1Page - Analog Devices ADP3634ARDZ Datasheet HTML 2Page - Analog Devices ADP3634ARDZ Datasheet HTML 3Page - Analog Devices ADP3634ARDZ Datasheet HTML 4Page - Analog Devices ADP3634ARDZ Datasheet HTML 5Page - Analog Devices ADP3634ARDZ Datasheet HTML 6Page - Analog Devices ADP3634ARDZ Datasheet HTML 7Page - Analog Devices ADP3634ARDZ Datasheet HTML 8Page - Analog Devices ADP3634ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Speed, Dual, 4 A MOSFET Driver
with Thermal Protection
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Industry-standard-compatible pinout
High current drive capability
Precise threshold shutdown comparator
UVLO with hysteresis
Overtemperature warning signal
Overtemperature shutdown
3.3 V-compatible inputs
10 ns typical rise time and fall time @ 2.2 nF load
Matched propagation delays between channels
Fast propagation delay
9.5 V to 18 V supply voltage (ADP3633/ADP3634/ADP3635)
4.5 V to 18 V supply voltage (ADP3623/ADP3624/ADP3625)
Parallelable dual outputs
Rated from −40°C to +85°C ambient temperature
Thermally enhanced packages, 8-lead SOIC_N_EP and
8-lead MINI_SO_EP
APPLICATIONS
AC-to-dc switch mode power supplies
DC-to-dc power supplies
Synchronous rectification
Motor drives
GENERAL DESCRIPTION
The ADP362x/ADP363x is a family of high current and dual high
speed drivers, capable of driving two independent N-channel
power MOSFETs. The family uses the industry-standard foot-
print but adds high speed switching performance and improved
system reliability.
The family has an internal temperature sensor and provides
two levels of overtemperature protection, an overtemperature
warning, and an overtemperature shutdown at extreme junction
temperatures.
The SD function, generated from a precise internal comparator,
provides fast system enable or shutdown. This feature allows
redundant overvoltage protection, complementing the protec-
tion inside the main controller device, or provides safe system
shutdown in the event of an overtemperature warning.
The wide input voltage range allows the driver to be compatible
with both analog and digital PWM controllers.
Digital power controllers are supplied from a low voltage
supply, and the driver is supplied from a higher voltage supply.
The ADP362x/ADP363x family adds UVLO and hysteresis
functions, allowing safe startup and shutdown of the higher
voltage supply when used with low voltage digital controllers.
The device family is available in thermally enhanced SOIC_N_EP
and MINI_SO_EP packaging to maximize high frequency and
current switching in a small printed circuit board (PCB) area.
FUNCTIONAL BLOCK DIAGRAM
1
8
2
7
3
6
4
5
OVERTEMPERATURE
PROTECTION
NONINVERTING
INA,
INA
PGND
INB,
INB
SD
OUTA
VDD
OUTB
OTW
VDD
VDD
INVERTING
NONINVERTING
INVERTING
UVLO
VEN
ADP3623/ADP3624/ADP3625
ADP3633/ADP3634/ADP3635
Figure 1.


Similar Part No. - ADP3634ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3630 AD-ADP3630 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3630ARMZ-R7 AD-ADP3630ARMZ-R7 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3630ARZ-R7 AD-ADP3630ARZ-R7 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3631 AD-ADP3631 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3631ARMZ-R7 AD-ADP3631ARMZ-R7 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
More results

Similar Description - ADP3634ARDZ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Analog Devices
ADP3629 AD-ADP3629 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
High Speed, Dual, 4 A MOSFET Driver
REV. 0
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com