Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0076 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0076 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0076 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
DECT Power Amplifier
1880 - 1930 MHz
Rev. V3
MAAPSS0076
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Evaluation Board Schematic
MAAPSS0076 External Parts List
Designator
Value
Foot Print
Manufacturer
Part Number
C1, C4, C9
100 nF
0402
Murata
GRM155F51C104ZA01B
C2
22 nF
0402
Murata
GRM155R71C223KA01B
C3
4 pF
0402
Murata
GRM155C1H4R0CZ01B
C5, C6
47 pF
0402
Murata
GRM1555C1H470JZ01B
C7
1 nF
0402
Murata
GRM36X7R102K50
C8, C13
1 µF
0402
Murata
GRM36Y5V104Z016AQ
C10
100 pF
0402
Murata
GRM36COG101J050AQ
C11
2 pF
0402
Murata
GRM36COG020C05OAQ
C12
1.5 pF
0402
Murata
GRM1555C1H1R5CZ01D
L1
10 nH
0402
Coilcraft
0402CS-10NXJB
R1
249 Ω
0402
Panasonic
ERJ-2RKF2490X
R2
402 Ω
0402
Panasonic
ERJ-2RKF4020X
R3
2.15 KΩ
0402
Panasonic
ERJ-2RKF2151X
Transmission Line Dimensions, 0.20 mm thick FR4
Designator
Length (mm)
Width (mm)
T1
3.76
0.35
T2
2.08
0.35
T3
0.49
0.37
T45
7.49
0.37
T5
3.05
0.35
T66
2.29
0.35
T7
2.36
0.35
All dimensions from package edge to center of component
(except as noted below).
5. From center of C3 to center of C11.
6. From center of C12 to center of C13.
Recommended PCB Configuration



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com