Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0076 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0076
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0076 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0076 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0076 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
DECT Power Amplifier
1880 - 1930 MHz
Rev. V3
MAAPSS0076
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: F = 1900 MHz, PIN = 0 dBm, VCC = 2.4 V, TA = 25 °C, Z0 = 50
Ω
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20 °C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Logic Table
5
VEN
VM
State
0
0
OFF
0
1
OFF
1
0
LPM
1
1
HPM
5. 1 = +2.0 V to 2.5 V, 0 = 0 V to 0.5 V.
Operating the MAAPSS0076
The MAAPSS0076 is sensitive to electrostatic
discharge (ESD).
Use proper ESD control
techniques when handling this device. To operate
the MAAPSS0076, follow these steps. Ramp down
or shut down in reverse order.
1. Apply VCC (2.4 V).
2. Apply VM (0 or 2.5 V).
3. Apply PIN (-2 to 2 dBm).
4. Ramp VEN from 0 to 2.5 V.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input Return Loss
VM = 0 V
VM = 2.5 V
dB
dB
11
8
POUT, High Power Mode (HPM)
VM = 2.5 V, VCC = 3.0 V
VCC = 2.4 V
VCC = 2.0 V
VCC = 1.8 V
dBm
dBm
dBm
dBm
23
26.5
25.5
24.0
23.5
27
POUT vs. Temperature, HPM
TA = 0 °C to 50 °C, VCC = 2.4 V
dB
0.8
Current, HPM
VM = 2.5 V, VCC = 3.0 V
mA
320
400
POUT, Low Power Mode (LPM)
VM = 0 V, VCC = 2.4 V
dBm
14
17
Current, LPM
VM = 0 V, VCC = 2.4 V
mA
140
200
Current, Shutdown
VCC = 3.0 V, VEN = 0.5 V
µA
1
10
Control Pins
VEN, VM low
VEN, VM high
VM current
VEN current
V
V
mA
mA
0
2.0
0.5
2.5
1.0
3.0
Harmonics
VM = 2.5 V, VCC = 2.4 V
2fo
3fo
dBc
dBc
-50
-60
Forward Isolation
VEN = 0 V
dB
36
Stability
+1.5 V < VCC < +3.5 V, POUT = HPM & LPM, VSWR < 6:1
-20
°C < TA < +70ºC, RBW = 3 MHz max. hold
Turn on/off time
ton: RF burst to (Avg Power – 1 dB)
toff: (Avg Power – 1 dB) to RF off
µS
µS
3
5
All spurs < -60 dBc
POUT vs. VEN
VEN = 1.9 to 2.5 V
dB
1.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com