Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0010 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0010
Description  Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0010 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAATCC0010
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Error, 8 dB Bit
Attenuation Error, 16 dB Bit
Attenuation Error, Max. Attenuation
Typical Performance Curves
VSWR, 1 dB Bit
VSWR, 2 dB Bit
Attenuation Error, 4 dB Bit
-0.1
0.1
0.3
0.5
0.7
0
1000
2000
3000
4000
Fre que ncy (MHz )
-0.1
0.1
0.3
0.5
0.7
0
1000
2000
3000
4000
Fre que ncy (MHz )
-1.5
-0.5
0.5
1.5
0
1000
2000
3000
4000
Fre que ncy (MHz )
1.0
1.2
1.4
1.6
1.8
0
1000
2000
3000
4000
Fre que ncy (MHz )
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
1000
2000
3000
4000
Fre que ncy (MHz )
Input
Out put
-1.5
-0.5
0.5
1.5
01000
2000
3000
4000
Frequency (MH z)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com