Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0010 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0010
Description  Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0010 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0010 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAATCC0010
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 1.0 dB Steps to 31 dB
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance
• Test Boards are Available
• Tape and Reel Packaging Available
• Lead-Free CSP-1 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT90-0263
Description
M/A-COM's MAATCC0010 is a GaAs FET 5-bit
digital attenuator with integral TTL driver. Step size
is 1.0 dB providing 31 dB total attenuation range.
This device is in a PQFN plastic surface mount
package. The MAATCC0010 is ideally suited for use
where accuracy, fast speed, very low power
consumption and low costs are required.
Ordering Information
Part Number
Package
MAATCC0010
Bulk Packaging
MAATCC0010TR
1000 piece reel
MAATCC0010-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
2
Pin No.
Function
Pin No.
Function
1
GND
17
NC
2
C16
18
NC
3
C8
19
NC
4
C4
20
NC
5
C2
21
NC
6
C1
22
NC
7
GND
23
NC
8
NC
24
NC
9
NC
25
NC
10
NC3
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC1
14
NC
30
Vee
15
NC
31
NC
16
NC
32
+Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1.
Pins 10 & 29 must be isolated
2.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
Block Diagram


Similar Part No. - MAATCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0010 MACOM-MAATCC0010 Datasheet
276Kb / 6P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0010 MA-COM-MAATCC0010 Datasheet
158Kb / 6P
Digital Attenuator
MAATCC0010 MA-COM-MAATCC0010 Datasheet
772Kb / 7P
Digital Attenuator
logo
Tyco Electronics
MAATCC0010-TB MACOM-MAATCC0010-TB Datasheet
276Kb / 6P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0010-TB MA-COM-MAATCC0010-TB Datasheet
772Kb / 7P
Digital Attenuator
More results

Similar Description - MAATCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263 MA-COM-AT90-1263 Datasheet
160Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com