Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0002
Description  Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator, 5-Bit, 31 dB
400 - 2500 MHz
Rev. V6
MAATSS0002
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, Vs = +5 V, Vc = 0 V / 5 V
Parameter
Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss (reference state)
—
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
—
—
—
1.8
2.2
2.7
1.9
2.3
2.9
Accuracy
—
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
± (0.3 dB + 4% of Attenuation)
± (0.3 dB + 3% of Attenuation)
± (0.4 dB + 3% of Attenuation)
Step Change
—
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
0.4
0.4
0.4
1.0
1.0
1.0
1.4
1.6
1.8
Attenuation Range
—
0.8 - 2.5 GHz
dB
—
31
—
VSWR
—
0.8 - 2.5 GHz
ratio
—
—
2.0:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
—
µS
—
2
—
Ton, Toff
50% Control to 10% / 90% RF
—
µS
—
2
—
Transients
In Band
—
mV
—
120
—
P1dB
+3V
+5V
0.8 - 2.5 GHz
0.8 - 2.5 GHz
dBm
dBm
15
18
21
27
—
—
IP3
Two tones, Pin < +5 dBm/tone
+3 V
+5 V
0.8 - 2.5 GHz
0.8 - 2.5 GHz
dBm
dBm
34
43
—
—
—
—
Control Current
Vc
Vs
—
—
µA
µA
—
—
—
—
40
200
Truth Table
3
Control Inputs
VC5
VC4
VC3
VC2
VC1
Attenuation (dB)
1
1
1
1
1
Reference
0
1
1
1
1
1 dB
1
0
1
1
1
2 dB
1
1
0
1
1
4 dB
1
1
1
0
1
8 dB
1
1
1
1
0
16 dB
3. 0 = 0.0 V ± 0.2 V
1 = Vs = 5.0 V ± 0.2 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com