Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0002 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0002
Description  Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0002 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 5-Bit, 31 dB
400 - 2500 MHz
Rev. V6
MAATSS0002
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 5 Bits, 1 dB Steps
• Excellent Accuracy
• Single Positive Control (+3 V to +5 V)
• QSOP-16 (SSOP-16) Package
Description
M/A-COM’s MAATSS0002 is a 1 dB step GaAs
MMIC digital attenuator with 31 dB attenuation
range in a low cost QSOP-16 (SSOP-16) package.
It requires external DC blocking capacitors on the
RF ports, positive supply voltage and five individual
bit control voltages.
The MAATSS0002 is particularly suited where high
attenuation accuracy, low insertion loss and low
intermodulation products are required.
Typical
applications include base stations, wireless data,
and wireless local loop gain level control circuits.
The MAATSS0002 is fabricated using M/A-COM’s
GaAs 1.0 micron process. The process features full
chip passivation for increased performance and
reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
RF2
2
GND
10
GND
3
VC1
11
GND
4
VC2
12
GND
5
VC3
13
GND
6
VC4
14
GND
7
VC5
15
GND
8
GND
16
RF1
Recommended Configuration
10 K
Ω
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Input Power
+34 dBm
Voltage
+7 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Ordering Information
1
Part Number
Package
MAATSS0002
Bulk Packaging
MAATSS0002TR
Tape and Reel (1K Reel)
MAATSS0002SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Functional Schematic
16 dB
8 dB
4 dB
2 dB
1 dB


Similar Part No. - MAATSS0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAATSS0002-TB MACOM-MAATSS0002-TB Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAATSS0002TR MACOM-MAATSS0002TR Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
More results

Similar Description - MAATSS0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAADSS0010 MACOM-MAADSS0010 Datasheet
174Kb / 5P
Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com