Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0020 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0020
Description  Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0020 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0020 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0020 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0020 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator, 31 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0020
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
DC - 0.1 GHz
0.1 - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
1.6
1.7
1.9
2.2
—
—
2.2
—
Attenuation Accuracy
4
DC - 1.0 GHz
DC - 2.0 GHz
VSWR
(Any State)
Ratio
—
1.5:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
8
—
Ton, Toff
50%Control to 90% RF,
50% Control to 10% RF
nS
—
15
—
Transients
In Band
mV
—
2
—
1 dB Compression
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
20
27
—
—
IP2
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
—
—
45
60
—
—
IP3
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
—
—
34
50
—
—
± (0.20 dB + 3% of Atten Setting in dB) dB
± (0.30 dB + 3% of Atten Setting in dB) dB
4. Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
Truth Table 5
VC
5
VC
4
VC
4
VC
3
VC
3
VC
2
VC
2
VC
1
VC
1
Atten (dB)
1
1
0
1
0
1
0
1
0
Reference
0
1
0
1
0
1
0
1
0
1 dB
1
0
1
1
0
1
0
1
0
2 dB
1
1
0
0
1
1
0
1
0
4 dB
1
1
0
1
0
0
1
1
0
8 dB
1
1
0
1
0
1
0
0
1
16 dB
0
0
1
0
1
0
1
0
1
31 dB
Control Inputs
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged by static electricity. Proper ESD control tech-
niques should be used when handling these de-
vices.
5. 0 = Vin Low = 0 V = 0 to -0.2V @ 20 µA maximum.
1 = Vin High = -5V @ 20 µA typical to -8 V @ 200 µA maximum.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com