Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0020 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0020 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0020
Download  MAATSS0020 Download
File Size   119.47 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz

MAATSS0020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0020 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0020
Download  MAATSS0020 Click to download

File Size   119.47 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz

MAATSS0020 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAATSS0020 Product details

Description
M/A-COM’s MAATSS0020 is a 5-bit, 1-dB step GaAs MMIC digital attenuator in a lead-free SSOP- 20 surface mount plastic package. The MAATSS0020 is ideally suited for use where high power accuracy, fast switching, very low power consumption and low intermodulation products are required at a low cost.

Features
• 1-dB Attenuation Steps to 31 dB
• Ultra Low DC Power Consumption
• Low Intermodulation Products: IP3 = 50 dBm
• Tape and Reel Packaging Available
• Temperature Stability: ± 0.15 dB from –40°C to +85°C
• Lead-Free SSOP-20 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-260




Similar Part No. - MAATSS0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator
logo
Tyco Electronics
MAATSS0020TR-3000 MACOM-MAATSS0020TR-3000 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020_15 Datasheet
119Kb / 3P
Digital Attenuator
More results


Similar Description - MAATSS0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com