Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP232E
Description  High Performance RS-232 Line Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP232E Datasheet(HTML) 2 Page - Exar Corporation

  SP232E Datasheet HTML 1Page - Exar Corporation SP232E Datasheet HTML 2Page - Exar Corporation SP232E Datasheet HTML 3Page - Exar Corporation SP232E Datasheet HTML 4Page - Exar Corporation SP232E Datasheet HTML 5Page - Exar Corporation SP232E Datasheet HTML 6Page - Exar Corporation SP232E Datasheet HTML 7Page - Exar Corporation SP232E Datasheet HTML 8Page - Exar Corporation SP232E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
2
AbSoLUTE MAxiMUM RATingS
This is a stress rating only and functional operation of
the device at these ratings or any other above those
indicated in the operation section of the specification
is not implied. Exposure to absolute maximum ratings
conditions for extended periods of time may affect re-
liability.
Supply Voltage (VCC)....................................................+ 6V
V+........................................................................... (Vcc-0.3V) to +.0V
V- .............................................................................-.0V
Input Voltages
Tin.....................................................-0.3V to (Vcc + 0.3V)
Rin............................................................................+/-5V
Output Voltages
Tout...............................................(V+, +0.3V) to (V-, -0.3V
Rout...................................................-0.3V to (Vcc + 0.3V)
Vcc = 5V ±0%, 0.μF charge pump capacitors, Tmin to Tmax, unless otherwise noted, Typical values are Vcc =
5V and Ta=25°C
Short Circuit duration
Tout.....................................................Continuous
Package Power Dissipation:
Plastic DIP...............................................375mW
(derate 7mW/°C above +70°C)
Small Outline...........................................375mW
(derate 7mW/°C above +70°C)
Storage Temperature..................-65°C to +50°C
ELECTRiCAL CHARACTERiSTiCS
PARAMETER
TEST ConDiTionS
Min
TYP
MAx
UniT
TTL inPUT
Logic Threshold LOW
T
in, En, SD, On/OFF
0.8
Volts
Logic Threshold HIGH
T
in, En, SD, On/OFF
2.0
Volts
Logic Pull-Up Current
T
in = 0V
5
200
μA
TTL oUTPUT
Output Voltge LOW
iOuT = 3.2ma: Vcc = +5V
0.4
Volts
Output Voltage HIGH
iOuT = -1.0ma
3.5
Volts
Leakage Current **;
Ta = +25°C
En = Vcc, 0V ≤ VOuT ≤ Vcc
0.05
+/-0
μA
RS-232 oUTPUT
Output Voltage Swing
all Transmitter outputs loaded
with 3k ohms to GND
+/-5.0
+/-6
Volts
Output Resistance
Vcc = 0V, Vout = +/-2V
300
Ohms
Output Short Circuit Current
Infinite Duration
+/-8
mA
Maximum Data Rate
CL = 2500pF, RL = 3kΩ
20
240
kbps
RS-232 inPUT
Voltage Range
-5
+5
Volts
Voltage Threshold LOW
Vcc = 5V,
Ta=25°C
0.8
.2
Volts
Voltage Threshold HIGH
Vcc = 5V,
Ta=25°C
.7
2.8
Volts
Hysteresis
Vcc = 5V,
Ta=25°C
0.2
0.5
.0
Volts
Resistance
Ta = 25°C, -15V ≤ Vin ≤ +15V
3
5
7
kΩ
** SP30E and SP32E only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com