Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP232E
Description  High Performance RS-232 Line Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP232E Datasheet(HTML) 1 Page - Exar Corporation

  SP232E Datasheet HTML 1Page - Exar Corporation SP232E Datasheet HTML 2Page - Exar Corporation SP232E Datasheet HTML 3Page - Exar Corporation SP232E Datasheet HTML 4Page - Exar Corporation SP232E Datasheet HTML 5Page - Exar Corporation SP232E Datasheet HTML 6Page - Exar Corporation SP232E Datasheet HTML 7Page - Exar Corporation SP232E Datasheet HTML 8Page - Exar Corporation SP232E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
DESCRIPTION
FEATURES
SP202E,SP232E, SP233E, SP310E and SP312E
High Performance RS-232 Line Drivers/Receivers
• Operates from a Single +5V Power Supply
• Meets all RS-232D and ITU V.28 Specifications
• Operates with 0.μF to 0μF Ceramic Capacitors
• No External Capacitors required (SP233E)
• Low Power Shutdown (SP30E, SP32E)
• High Data Rate - 20kbps under load
• Low power CMOS Operation
• Lead Free packaging available
• Improved ESD Specifications:
+/-5kV Human Body Model
The SP202E, SP232E, SP233E, SP30E and SP32E devices are a family of line driver and re-
ceiver pairs that meets the specifications of RS-232 and V.28 serial protocols. The devices are pin-
to-pin compatible with Exar's SP232A, SP233A, SP30A and SP32A devices as well as popular
industry standard pinouts. The ESD tolerance has been improved on these devices to over +/-5kV
for Human Body Model. This series offer a 20kbps data rate under load, small ceramic type 0.μF
charge pump capacitors and overall ruggedness for comercial applications. Features include Exar's
BiCMOS design which allowing low power operation without sacrificing performance. The series is
available in lead free packages with commercial and industrial temperature ranges.
SELECTION TABLE
Model
Number of RS-232
No. of RX
active in
Shutdown
No. of External
0.
μF Capacitors Shutdown
WakeUp TTL Tri-State
Drivers Receivers
SP202E
2
2
0
4
No
No
No
SP232E
2
2
0
4
No
No
No
SP233E
2
2
0
0
No
No
No
SP30E
2
2
0
4
Yes
No
Yes
SP32E
2
2
2
4
Yes
Yes
Yes


Similar Part No. - SP232E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP232E SIPEX-SP232E Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Guangdong Youtai Semico...
SP232E UMW-SP232E Datasheet
961Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Sipex Corporation
SP232ECN SIPEX-SP232ECN Datasheet
217Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
SP232ECN SIPEX-SP232ECN Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
SP232ECN/TR SIPEX-SP232ECN/TR Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
More results

Similar Description - SP232E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
SP202E SIPEX-SP202E_04 Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E Datasheet
208Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
High Performance RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com