Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207ECT-L Datasheet(PDF) 12 Page - Exar Corporation

Part # SP207ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP207ECT-L Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP207ECT-L Datasheet HTML 8Page - Exar Corporation SP207ECT-L Datasheet HTML 9Page - Exar Corporation SP207ECT-L Datasheet HTML 10Page - Exar Corporation SP207ECT-L Datasheet HTML 11Page - Exar Corporation SP207ECT-L Datasheet HTML 12Page - Exar Corporation SP207ECT-L Datasheet HTML 13Page - Exar Corporation SP207ECT-L Datasheet HTML 14Page - Exar Corporation SP207ECT-L Datasheet HTML 15Page - Exar Corporation SP207ECT-L Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
2
DEVICE PIN
HuMAN bODY
IEC1000-4-2
TESTED
MODEL
Air Discharge
Direct Contact
Level
DriverOutputs +5kV
+5kV
+8kV
4
Receiver Inputs
+5kV
+5kV
+8kV
4
EIA STANDARDS
The Electronic Industry Association (EIA)
developed several standards of data
transmission which are revised and up-
dated in order to meet the requirements
of the industry. In data processing, there
are two basic means of communicating
between systems and components. The
RS--232 standard was first introduced in
962 and, since that time, has become an
industry standard.
Table 3. Transceiver ESD Tolerance Levels
TheRS-232isarelativelyslowdataexchange
protocol, with a maximum baud rate of only
20kbps, which can be transmitted over a
maximumcopperwirecablelengthof50feet.
The SP207E through SP23E Series of data
communications interface products have
been designed to meet both the EIAprotocol
standards, and the needs of the industry.
The larger storage capacitor injects a
highervoltagetothetestpointwhenSW2
is switched on. The lower current limiting
resistor increases the current charge onto
the test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com