Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207ECT-L Datasheet(PDF) 13 Page - Exar Corporation

Part # SP207ECT-L
Description  Low Power, High ESD 5V RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP207ECT-L Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP207ECT-L Datasheet HTML 9Page - Exar Corporation SP207ECT-L Datasheet HTML 10Page - Exar Corporation SP207ECT-L Datasheet HTML 11Page - Exar Corporation SP207ECT-L Datasheet HTML 12Page - Exar Corporation SP207ECT-L Datasheet HTML 13Page - Exar Corporation SP207ECT-L Datasheet HTML 14Page - Exar Corporation SP207ECT-L Datasheet HTML 15Page - Exar Corporation SP207ECT-L Datasheet HTML 16Page - Exar Corporation SP207ECT-L Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP207E_00_072309
TYPICAL APPLICATION CIRCuITS...SP207E TO SP213E
1
2
3
4
5
6
7
8
9
SHUTDOWN
EN
GND
+5V
DCD
DSR
Rx
RTS
Tx
CTS
DTR
RI
18
1
4
3
2
27
23
9
SG
11
17
14
15
12
16
13
V-
V+
V
CC
C 1+
C
1 -
C
2+
C
2 -
19
20
5
6
7
26
22
8
NC
28
SI
SO
DCD
DSR
RTS
CTS
RI
DTR
16C550
UART
Typical EIA-232
Application:
SP213E, UART &
DB-9 Connector
CS
NC
21
V
CC or CS *
25
24
CS
Figure 0. Typical SP23E Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com