Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ACT Datasheet(PDF) 1 Page - Exar Corporation

Part # SP310ACT
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP310ACT Datasheet(HTML) 1 Page - Exar Corporation

  SP310ACT Datasheet HTML 1Page - Exar Corporation SP310ACT Datasheet HTML 2Page - Exar Corporation SP310ACT Datasheet HTML 3Page - Exar Corporation SP310ACT Datasheet HTML 4Page - Exar Corporation SP310ACT Datasheet HTML 5Page - Exar Corporation SP310ACT Datasheet HTML 6Page - Exar Corporation SP310ACT Datasheet HTML 7Page - Exar Corporation SP310ACT Datasheet HTML 8Page - Exar Corporation SP310ACT Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP233A,30A,32A 00_05308
DESCRIPTION
FEATURES
SP233A,SP310A and SP312A
Enhanced RS-232 Line Drivers/Receivers
• Operates from a Single +5V Power Supply
• Meets all RS-232F and ITU V.28 Specifications
• Operates with 0.
μF Ceramic Capacitors
• No External Capacitors required (SP233A)
• Low Power Shutdown (SP30A, SP32A)
• High Data Rate - 20kbps under load
• Low power CMOS Operation
• +/-2kV Human Body Model ESD Protection
• Lead Free packaging available
The SP233A / SP30A / SP32A devices are a family of line driver and receiver pairs that meets
the specifications of RS-232 and V.28 serial protocols. The devices are pin-to-pin compatible with
popular industry standard pinouts. The SP233A / SP30A / SP32A offer 20kbps data rate under
load, small ceramic type 0.
μF charge pump capacitors and overall ruggedness for comercial appli-
cations. Features include Exar's BiCMOS design allowing for low power operation without sacrificing
performance. These devices are available in plastic DIP and SOIC Wide packages operating over
the commercial and industrial temperature ranges.
SELECTION TABLE
Model
Number of RS-232
No. of RX
active in
Shutdown
No. of External
0.
μF Capacitors Shutdown
WakeUp
TTL Tri-State
Drivers
Receivers
SP233A
2
2
N/A
0
No
No
No
SP30A
2
2
0
4
Yes
No
Yes
SP32A
2
2
2
4
Yes
Yes
Yes


Similar Part No. - SP310ACT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP310ACT SIPEX-SP310ACT Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP310ACT SIPEX-SP310ACT Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP310ACT SIPEX-SP310ACT Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
SP310ACT/TR SIPEX-SP310ACT/TR Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP310ACT/TR SIPEX-SP310ACT/TR Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP310ACT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com